Electronic Components Datasheet Search
  English  ▼

X  

LMV321A Datasheet(PDF) 21 Page - Texas Instruments

Part # LMV321A
Description  LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV321A Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMV321A Datasheet HTML 17Page - Texas Instruments LMV321A Datasheet HTML 18Page - Texas Instruments LMV321A Datasheet HTML 19Page - Texas Instruments LMV321A Datasheet HTML 20Page - Texas Instruments LMV321A Datasheet HTML 21Page - Texas Instruments LMV321A Datasheet HTML 22Page - Texas Instruments LMV321A Datasheet HTML 23Page - Texas Instruments LMV321A Datasheet HTML 24Page - Texas Instruments LMV321A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
• Noise can propagate into analog circuitry through the power connections of the board and propagate to the
power pins of the op amp itself. Bypass capacitors are used to reduce the coupled noise by providing a
low-impedance path to ground.
– Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is adequate for single-supply
applications.
• Separate grounding for analog and digital portions of circuitry is one of the simplest and most effective
methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground planes.
A ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise pickup. Take care
to physically separate digital and analog grounds, paying attention to the flow of the ground current.
• To reduce parasitic coupling, run the input traces as far away from the supply or output traces as possible.
If these traces cannot be kept separate, crossing the sensitive trace at a 90 degree angle is much better as
opposed to running the traces in parallel with the noisy trace.
• Place the external components as close to the device as possible, as shown in Figure 7-8. Keeping RF and
RG close to the inverting input minimizes parasitic capacitance.
• Keep the length of input traces as short as possible. Remember that the input traces are the most sensitive
part of the circuit.
• Consider a driven, low-impedance guard ring around the critical traces. A guard ring may significantly reduce
leakage currents from nearby traces that are at different potentials.
• Cleaning the PCB following board assembly is recommended for best performance.
• Any precision integrated circuit can experience performance shifts resulting from moisture ingress into the
plastic package. Following any aqueous PCB cleaning process, baking the PCB assembly is recommended
to remove moisture introduced into the device packaging during the cleaning process. A low-temperature,
post-cleaning bake at 85°C for 30 minutes is sufficient for most circumstances.
7.4.2 Layout Example
+
VIN 2
VOUT 2
R
G
R
F
+
VIN 1
VOUT 1
R
G
R
F
Figure 7-7. Schematic Representation
OUT1
IN1 ±
IN1 +
V ±
OUT2
IN2 ±
IN2 +
V+
VS±
GND
Ground (GND) plane on another layer
Keep input traces short
and run the input traces
as far away from
the supply lines
as possible .
Place components
close to device and to
each other to reduce
parasitic errors .
Use low-ESR,
ceramic bypass
capacitor . Place as
close to the device
as possible .
VIN 1
GND
RF
RG
VIN 2
GND
RF
RG
VS+
GND
OUT 1
OUT 2
Use low-ESR,
ceramic bypass
capacitor . Place as
close to the device
as possible .
Figure 7-8. Layout Example
www.ti.com
LMV321A, LMV358A, LMV324A
SBOS923I – DECEMBER 2017 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LMV321A LMV358A LMV324A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com