Electronic Components Datasheet Search
  English  ▼

X  

LOG114AIRGVT.A Datasheet(PDF) 28 Page - Texas Instruments

Part # LOG114AIRGVT.A
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114AIRGVT.A Datasheet(HTML) 28 Page - Texas Instruments

Back Button LOG114AIRGVT.A Datasheet HTML 24Page - Texas Instruments LOG114AIRGVT.A Datasheet HTML 25Page - Texas Instruments LOG114AIRGVT.A Datasheet HTML 26Page - Texas Instruments LOG114AIRGVT.A Datasheet HTML 27Page - Texas Instruments LOG114AIRGVT.A Datasheet HTML 28Page - Texas Instruments LOG114AIRGVT.A Datasheet HTML 29Page - Texas Instruments LOG114AIRGVT.A Datasheet HTML 30Page - Texas Instruments LOG114AIRGVT.A Datasheet HTML 31Page - Texas Instruments LOG114AIRGVT.A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
8 Device and Documentation Support
TI offers an extensive line of development tools. Tools and software to evaluate the performance of the device,
generate code, and develop solutions are listed below.
8.1 Documentation Support
For development support on this product see the following:
8.1.1 Related Documentation
• Texas Instruments, QFN and SON PCB Attachment application note
• Texas Instruments, Quad Flatpack No− Lead Logic Packages application note
8.1.2 PSpice® for TI
PSpice® for TI is a design and simulation environment that helps evaluate performance of analog circuits.
Create subsystem designs and prototype solutions before committing to layout and fabrication, reducing
development cost and time to market.
8.1.3 TINA-TI™ (Free Software Download)
TINA™ is a simple, powerful, and easy-to-use circuit simulation program based on a SPICE engine. TINA-TI is a
free, fully-functional version of the TINA software, preloaded with a library of macro models in addition to a range
of both passive and active models. TINA-TI provides all the conventional dc, transient, and frequency domain
analysis of SPICE, as well as additional design capabilities.
Available as a free download from the Analog eLab Design Center, TINA-TI offers extensive post-processing
capability that allows users to format results in a variety of ways. Virtual instruments offer the ability to select
input waveforms and probe circuit nodes, voltages, and waveforms, creating a dynamic quick-start tool.
Note
These files require that either the TINA software (from DesignSoft™) or TINA-TI software be installed.
Download the free TINA-TI software from the TINA-TI folder.
8.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
8.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
8.4 Trademarks
DesignSoft™ is a trademark of DesignSoft, Inc.
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
8.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com