Electronic Components Datasheet Search
  English  ▼

X  

BA891 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BA891
Description  Band-switching diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BA891 Datasheet(HTML) 2 Page - NXP Semiconductors

  BA891 Datasheet HTML 1Page - NXP Semiconductors BA891 Datasheet HTML 2Page - NXP Semiconductors BA891 Datasheet HTML 3Page - NXP Semiconductors BA891 Datasheet HTML 4Page - NXP Semiconductors BA891 Datasheet HTML 5Page - NXP Semiconductors BA891 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NXP Semiconductors
Product specification
Band-switching diode
BA891
FEATURES
• Ultra small plastic SMD package
• Low diode capacitance: max. 1.05 pF
• Low diode forward resistance: max. 0.7 Ω
• Small inductance.
APPLICATIONS
• Low loss band-switching in VHF television tuners
• Surface mount band-switching circuits.
DESCRIPTION
The BA891 is a planar high performance band-switching
diode in the ultra small SOD523 SMD plastic package.
MARKING
PINNING
TYPE NUMBER
MARKING CODE
BA891
7
PIN
DESCRIPTION
1
cathode
2
anode
handbook, halfpage
12

Top view
MAM405
The marking band indicates the cathode.
Fig.1 Simplified outline (SOD523) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
−
35
V
IF
continuous forward current
−
100
mA
Ptot
total power dissipation
Ts =90 °C
−
715
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
Rev. 04 - 8 January 2008
2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com