Electronic Components Datasheet Search
  English  ▼

X  

09087. Datasheet(PDF) 1 Page - DESCO INDUSTRIES INC

Part # 09087.
Description  WRIST STRAPS & COIL CORDS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DESCO [DESCO INDUSTRIES INC]
Direct Link  https://desco.descoindustries.com/
Logo DESCO - DESCO INDUSTRIES INC

09087. Datasheet(HTML) 1 Page - DESCO INDUSTRIES INC

  09087. Datasheet HTML 1Page - DESCO INDUSTRIES INC 09087. Datasheet HTML 2Page - DESCO INDUSTRIES INC 09087. Datasheet HTML 3Page - DESCO INDUSTRIES INC 09087. Datasheet HTML 4Page - DESCO INDUSTRIES INC 09087. Datasheet HTML 5Page - DESCO INDUSTRIES INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Web Site: www.desco.com • Phone: (909) 627-8178 • Fax: (909) 627-7449
5
WRIST STRAPS & COIL CORDS
See our products being
Made in America
on our web site:
www.desco.com/factory
ANSI/ESD S20.20 Paragraph 6.2.2.1 Personnel Grounding Requirement "All personnel shall be
bonded or electrically connected to ground or contrived ground when handling ESD sensitive items.
When personnel are seated at ESD protective workstations, they shall be connected to the common
point ground via a wrist strap system."
• High visibility
Bright colors allow supervisor to see that worker is wearing wrist strap
• Patented* contoured spring supported banana plug
Ensures reliable path-to-ground connection expanding banana plug into socket
• Solid stainless steel wrist band stud machined to exacting tolerances
and precise profile
Ensures reliable path-to-ground connection to spring loaded 4mm stainless steel constant contact
coil cord snap
• Lifetime warranty on our wrist band stud
If damaged during normal use, will provide no-charge replacement
• Durable, lightweight fabric
Some users prefer the softness, comfort and flexibility of this material
• Made in America
09100
Wrist Strap, 6' Cord, Sapphire
09102
Wrist Strap, 6' Cord, Ruby
09103
Wrist Strap, 6' Cord, Topaz
09104
Wrist Strap, 6' Cord, Emerald
09110
Wrist Strap, 6' Cord, Amethyst
09130
Wrist Strap, 10' Cord, Sapphire
09105
Wristband Only, Sapphire
09106
Wristband Only, Ruby
09107
Wristband Only, Topaz
09108
Wristband Only, Emerald
09109
Wristband Only, Amethyst
09140
Replacement Elastic Strip
ELASTIC ADJUSTABLE
WRIST STRAPS
Drawings: 09105, 09150
Technical Bulletin TB-2005
For detailed information on all
Desco wrist straps:
www.desco.com/catalog
Listing #90P1
Listing #90P1
• Premium metal expansion wrist strap
Comfortable, designed not to pinch or pull hair
• Patented* contoured spring supported banana plug
Ensures reliable path-to-ground connection expanding banana plug into socket
• Solid stainless steel wrist band stud machined to exacting tolerances
and precise profile
Ensures reliable path-to-ground connection to spring loaded 4mm
stainless steel constant contact coil cord snap
• Superior contact with skin
For reliable removal of generated static charges
• Adjustment band changes quickly and easily to any size
One size fits all; only one item number to purchase and stock -
no “extra” links to lose
• Made in America
Circumference - Regular: 5.5" - 13", Extra large: 6.25" - 14.5"
Drawings 09041, 09480, and 91095, Technical Bulletin TB-2005
NOTE: All bands on this page have a 4mm snap stud.
Wrist strap kits include an alligator clip (excluding right angle products).
PREMIUM METAL EXPANSION
WRIST STRAPS
09041
Band Only
09042
Band Only Extra Large
09085
Band with 6' Coil Cord
91070
Band with 6' Coil Cord & Angle Banana
PREMIUM METAL EXPANSION
FIXED SIZE WRIST STRAPS
09045
Band Only, Small
09044
Band Only, Medium
09043
Band Only, Large
09088
Band with 6' Coil Cord, Small
09087
Band with 6' Coil Cord, Medium
09086
Band with 6' Coil Cord, Large
Drawings 09043 and 09480
*US Patent 5951337
Better choice
for clean room and
other critical
environments.
09100
09102
09103
09104
09110
09085


Similar Part No. - 09087.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
09087 ETC2-09087 Datasheet
194Kb / 1P
Premium Fixed Size Metal Expansion Wrist Straps
logo
DESCO INDUSTRIES INC
09087 DESCO-09087 Datasheet
490Kb / 3P
WRIST STRAPS & COIL CORDS
logo
Molex Electronics Ltd.
090879-2000 MOLEX11-090879-2000 Datasheet
672Kb / 7P
5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Right Angle, Male, Natural, Unblocked Position Keys
0908790003 MOLEX11-0908790003 Datasheet
672Kb / 7P
5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Right Angle, Male, Natural, Unblocked Position Keys
0908790470 MOLEX11-0908790470 Datasheet
671Kb / 7P
5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Right Angle, Male, Natural, Unblocked Position Keys: 2A
More results

Similar Description - 09087.

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6081 POMONA-6081 Datasheet
18Kb / 1P
Wrist Strap, Elastic, ESD
6083 POMONA-6083 Datasheet
22Kb / 1P
Metal Wrist Strap, ESD
logo
Bud Industries, Inc.
CM-2200 BUD-CM-2200 Datasheet
44Kb / 1P
CABLE MANAGEMENT BRACKET, STRAPS
logo
Hammond Manufacturing L...
18S20 HAMMOND-18S20 Datasheet
133Kb / 2P
Terminal Straps and Brackets
logo
Qualtek Electronics Cor...
H03VVD3HU3G100 QUALTEK-H03VVD3HU3G100 Datasheet
341Kb / 1P
International Power Cords
logo
List of Unclassifed Man...
09087 ETC2-09087 Datasheet
194Kb / 1P
Premium Fixed Size Metal Expansion Wrist Straps
logo
Hammond Manufacturing L...
1584C HAMMOND-1584C Datasheet
62Kb / 1P
Replacement Power Cords
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
logo
Bertech.
AFWSB BERTECH-AFWSB Datasheet
113Kb / 1P
ESD Fabric Wrist Straps
AMWS BERTECH-AMWS Datasheet
113Kb / 1P
ESD Metal Wrist Straps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com