Electronic Components Datasheet Search
  English  ▼

X  

BAP63-02 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAP63-02
Description  Silicon PIN diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP63-02 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAP63-02 Datasheet HTML 1Page - NXP Semiconductors BAP63-02 Datasheet HTML 2Page - NXP Semiconductors BAP63-02 Datasheet HTML 3Page - NXP Semiconductors BAP63-02 Datasheet HTML 4Page - NXP Semiconductors BAP63-02 Datasheet HTML 5Page - NXP Semiconductors BAP63-02 Datasheet HTML 6Page - NXP Semiconductors BAP63-02 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NXP Semiconductors
Product specification
Silicon PIN diode
BAP63-02
FEATURES
• High speed switching for RF signals
• Low diode capacitance
• Low diode forward resistance
• Very low series inductance
• For applications up to 3 GHz.
APPLICATIONS
• RF attenuators and switches.
DESCRIPTION
Planar PIN diode in a SOD523 ultra small SMD plastic
package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
Marking code: K5.
Fig.1 Simplified outline (SOD523) and symbol.
handbook, halfpage
12

Top view
MAM405
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
−
50
V
IF
continuous forward current
−
100
mA
Ptot
total power dissipation
Ts ≤ 90 °C
−
715
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
Rev. 04 - 8 January 2008
2 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com