Electronic Components Datasheet Search
  English  ▼

X  

S-801 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S-801
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-801 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S-801 Datasheet HTML 17Page - Seiko Instruments Inc S-801 Datasheet HTML 18Page - Seiko Instruments Inc S-801 Datasheet HTML 19Page - Seiko Instruments Inc S-801 Datasheet HTML 20Page - Seiko Instruments Inc S-801 Datasheet HTML 21Page - Seiko Instruments Inc S-801 Datasheet HTML 22Page - Seiko Instruments Inc S-801 Datasheet HTML 23Page - Seiko Instruments Inc S-801 Datasheet HTML 24Page - Seiko Instruments Inc S-801 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.3.3_00
S-801 Series
Seiko Instruments Inc.
21
4. Current Consumption (ISS) - Temperature (Ta)
(a) S-80122AL
(b) S-80129AL
0.0
1.0
2.0
3.0
4.0
5.0
−40 −20
0
20
40
60
80
100
Ta [°C]
VDD=3.5 V
0.0
1.0
2.0
3.0
4.0
5.0
−40 −20
0
20
40
60
80
100
Ta [°C]
VDD=4.5 V
(c) S-80130AL
(d) S-80160AL
0.0
1.0
2.0
3.0
4.0
5.0
−40 −20
0
20
40
60
80
100
Ta [°C]
VDD=4.5 V
0.0
1.0
2.0
3.0
4.0
5.0
−40 −20
0
20
40
60
80
100
Ta [°C]
VDD=6.5 V
5. Nch Transistor Output Current (IOUT) -VOUT
6. Pch Transistor Output Current (IOUT) - (VDD-VOUT)
S-80160AL
S-80122AL
0
10
20
30
40
50
60
70
0
2
4
6
8
10
VOUT [V]
Ta
=25°C
2 V
2.4 V
4 V
5.5 V
VDD=1 V, 1.2 V
0
10
20
30
40
02
4
6
8
10
VDD-VOUT [V]
Ta
=25°C
VDD=4 V
4.8 V
6 V
6.5 V
10 V
8 V
7. Nch Transistor Output Current (IOUT) - Input
Voltage (VDD)
8. Pch transistor Output Current (IOUT) - Input
Voltage (VDD)
S-80160AL
S-80122AL
0
5
10
15
20
25
0
2
4
6
8
10
VDD [V]
VDS=0.5 V
Ta
= −40°C
85°C
25°C
0
1
2
3
4
5
0
2
4
6
8
10
VDD [V]
VDS=0.5 V
Ta
= −40°C
85°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com