Electronic Components Datasheet Search
  English  ▼

X  

0803683 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803683
Description  EML (24X4)R YE - Label
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803683 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803683 Datasheet HTML 1Page - PHOENIX CONTACT 0803683 Datasheet HTML 2Page - PHOENIX CONTACT 0803683 Datasheet HTML 3Page - PHOENIX CONTACT 0803683 Datasheet HTML 4Page - PHOENIX CONTACT 0803683 Datasheet HTML 5Page - PHOENIX CONTACT 0803683 Datasheet HTML 6Page - PHOENIX CONTACT 0803683 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Gerätemarker
Marking
Number of individual labels
1000
Number of individual labels per row
2
Identification technology
Thermal transfer
Dimensions
Width
24.00 mm
Height
4.00 mm
Depth
0.08 mm
Length
4 mm
Material specifications
Foil strength
55 µm
Adhesive strength
20 µm
Adhesive
Acrylic
Color
yellow (RAL 1018)
Material
Polyester
Components
free from silicone and halogen
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Specification
DIN EN ISO 1518-1:2019-10 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2013 (following)
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Procedure
Artificial irradiation.
Temperature resistance
EML (24X4)R YE - Label
0803683
https://www.phoenixcontact.com/us/products/0803683
Oct 28, 2025, 1:05AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com