Electronic Components Datasheet Search
  English  ▼

X  

M41T82 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T82 Datasheet HTML 1Page - STMicroelectronics M41T82 Datasheet HTML 2Page - STMicroelectronics M41T82 Datasheet HTML 3Page - STMicroelectronics M41T82 Datasheet HTML 4Page - STMicroelectronics M41T82 Datasheet HTML 5Page - STMicroelectronics M41T82 Datasheet HTML 6Page - STMicroelectronics M41T82 Datasheet HTML 7Page - STMicroelectronics M41T82 Datasheet HTML 8Page - STMicroelectronics M41T82 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
This is information on a product in full production.
April 2024
DocID012578 Rev 19
1/64
64
M41T82, M41T83
Serial I2C bus real-time clock (RTC) with battery switchover
Datasheet
- production data
Features
• Ultra-low battery supply current of 365 nA
• Factory-calibrated accuracy of ±5 ppm typical
after 2 reflows (SOX18)
– Much better accuracies achievable using
built-in programmable analog and digital
calibration circuits
• 2.0 V to 5.5 V clock operating voltage
• Counters for tenths/hundredths of seconds,
seconds, minutes, hours, day, date, month,
year, and century
• Automatic switchover and reset output circuitry
(fixed reference)
– M41T83S: VCC = 3.00 V to 5.50 V
– M41T83R: VCC = 2.70 V to 5.50 V
– M41T83Z: VCC = 2.38 V to 5.50 V
• Serial interface supports I2C bus (400 kHz
protocol)
• Programmable alarm with interrupt function
(valid even during battery backup mode)
• Optional 2nd programmable alarm available
• Square wave output defaults to 32 KHz on
power-up (M41T83 only)
• RESET (RST) output
• Watchdog timer
• Programmable 8-bit counter/timer
• 7 bytes of battery-backed user SRAM
• Battery low flag
• Low operating current of 80 µA
• Oscillator stop detection
• Battery or SuperCap™ backup
• Operating temperature of –40 °C to 85 °C
• Package options
– a 16-lead QFN (M41T83)
– an 8-lead SOIC (M41T82) or
– an 18-lead embedded crystal SOIC
(M41T83)
• RoHS compliance: lead-free components are
compliant with the RoHS directive
QFN16 (4 mm x 4 mm)
SO8 (4.90 mm x 3.90 mm)
1
18
SOX18, embedded crystal
(11.61 mm x 7.62 mm)
www.st.com


Similar Part No. - M41T82

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
M41T82 STMICROELECTRONICS-M41T82 Datasheet
465Kb / 58P
Serial I2C bus RTC with battery switchover
17-Apr-2008
M41T82 STMICROELECTRONICS-M41T82 Datasheet
989Kb / 61P
Serial I2C bus RTC with battery switchover
19-Oct-2010
M41T82RM6E STMICROELECTRONICS-M41T82RM6E Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
M41T82RM6E STMICROELECTRONICS-M41T82RM6E Datasheet
989Kb / 61P
Serial I2C bus RTC with battery switchover
19-Oct-2010
More results

Similar Description - M41T82

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
Serial SPI bus RTC with battery switchover
07-Aug-2006
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
Serial SPI bus RTC with battery switchover
22-Oct-2007
M41T82 STMICROELECTRONICS-M41T82_08 Datasheet
465Kb / 58P
Serial I2C bus RTC with battery switchover
17-Apr-2008
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
Serial SPI bus RTC with battery switchover
15-Aug-2008
M41T82 STMICROELECTRONICS-M41T82_10 Datasheet
989Kb / 61P
Serial I2C bus RTC with battery switchover
19-Oct-2010
M41T00AUD STMICROELECTRONICS-M41T00AUD_12 Datasheet
381Kb / 42P
Serial real-time clock (RTC) with audio
06-Feb-2012
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
Serial I2C bus real-time clock (RTC) with battery switchover
26-Oct-2012
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
Serial SPI bus real-time clock with battery switchover
12-Oct-2011
logo
Microchip Technology
MCP79400 MICROCHIP-MCP79400_13 Datasheet
1Mb / 42P
I2C Real-Time Clock/Calendar with SRAM, Unique IDand Battery Switchover
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com