Electronic Components Datasheet Search
  English  ▼

X  

M48T512V Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T512V
Description  5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER® SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T512V Datasheet(HTML) 1 Page - STMicroelectronics

  M48T512V Datasheet HTML 1Page - STMicroelectronics M48T512V Datasheet HTML 2Page - STMicroelectronics M48T512V Datasheet HTML 3Page - STMicroelectronics M48T512V Datasheet HTML 4Page - STMicroelectronics M48T512V Datasheet HTML 5Page - STMicroelectronics M48T512V Datasheet HTML 6Page - STMicroelectronics M48T512V Datasheet HTML 7Page - STMicroelectronics M48T512V Datasheet HTML 8Page - STMicroelectronics M48T512V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Not recommended for new design
This is information on a product still in production but not recommended for new designs.
June 2011
Doc ID 5747 Rev 7
1/23
1
M48T512Y
M48T512V
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER® SRAM
Features
■ Integrated ultra low power SRAM, real-time
clock, power-fail control circuit, battery, and
crystal
■ BCD coded year, month, day, date, hours,
minutes, and seconds
■ Automatic power-fail chip deselect and WRITE
protection
■ WRITE protect voltages:
(VPFD = power-fail deselect voltage)
–M48T512Y: VCC = 4.5 to 5.5 V;
4.2 V
≤ VPFD ≤ 4.5 V
–M48T512V: VCC = 3.0 to 3.6 V;
2.7 V
≤ VPFD ≤ 3.0 V
■ Conventional SRAM operation; unlimited
WRITE cycles
■ Software controlled clock calibration for high
accuracy applications
■ 10 years of data retention and clock operation
in the absence of power
■ Pin and function compatible with industry
standard 512 K x 8 SRAMS
■ Self-contained battery and crystal in DIP
package
■ RoHS compliant
– Lead-free second level interconnect
32
1
PMDIP32 module
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - M48T512V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T512V STMICROELECTRONICS-M48T512V Datasheet
301Kb / 21P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
Feb-2005
M48T512V STMICROELECTRONICS-M48T512V Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
M48T512V-70PM1 STMICROELECTRONICS-M48T512V-70PM1 Datasheet
301Kb / 21P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
Feb-2005
M48T512V-70PM1 STMICROELECTRONICS-M48T512V-70PM1 Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
M48T512V-85PM1 STMICROELECTRONICS-M48T512V-85PM1 Datasheet
301Kb / 21P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
Feb-2005
More results

Similar Description - M48T512V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
21-Dec-2006
M48T129Y STMICROELECTRONICS-M48T129Y_05 Datasheet
481Kb / 30P
5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
Feb-2005
logo
Hanbit Electronics Co.,...
HMNR5128D HANBIT-HMNR5128D Datasheet
274Kb / 13P
5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
logo
STMicroelectronics
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
09-Jun-2010
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
M48T59 STMICROELECTRONICS-M48T59_08 Datasheet
378Kb / 32P
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
01-Apr-2008
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
02-Aug-2010
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM
20-Jul-2010
M48Z512A STMICROELECTRONICS-M48Z512A_10 Datasheet
341Kb / 21P
4 Mbit (512 Kbit x 8) ZEROPOWER® SRAM
02-Aug-2010
logo
DLG Hanbit co.,Ltd.
HMNR5128D DLGHANBIT-HMNR5128D Datasheet
724Kb / 11P
5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com