Electronic Components Datasheet Search
  English  ▼

X  

M74HC14 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M74HC14
Description  Hex Schmitt inverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC14 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M74HC14 Datasheet HTML 2Page - STMicroelectronics M74HC14 Datasheet HTML 3Page - STMicroelectronics M74HC14 Datasheet HTML 4Page - STMicroelectronics M74HC14 Datasheet HTML 5Page - STMicroelectronics M74HC14 Datasheet HTML 6Page - STMicroelectronics M74HC14 Datasheet HTML 7Page - STMicroelectronics M74HC14 Datasheet HTML 8Page - STMicroelectronics M74HC14 Datasheet HTML 9Page - STMicroelectronics M74HC14 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
M74HC14
6/15
DocID1901 Rev 5
Table 5: DC specification
Sym
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25 °C
-40 to
85 °C
-55 to
125 °C
Min
Typ
Max
Min
Max
Min
Max
Vt+
High-level input voltage
2.0
1.0
1.28
1.5
1.0
1.5
1.0
1.5
V
4.5
2.3
2.8
3.15
2.3
3.15
2.3
3.15
6.0
3.0
3.7
4.2
3.0
4.2
3.0
4.2
Vt-
Low-level input voltage
2.0
0.3
0.74
0.9
0.3
0.9
0.3
0.9
4.5
1.13
1.8
2.0
1.13
2.0
1.13
2.0
6.0
1.5
2.4
2.6
1.5
2.6
1.5
2.6
VH
Hysteresis voltage
2.0
0.3
0.54
1.0
0.3
1.0
0.3
1.0
4.5
0.6
1.0
1.4
0.6
1.4
0.6
1.4
6.0
0.8
1.3
1.4
0.8
1.7
0.8
1.7
VOH
High-level output
voltage
2.0
IO = -20 µA
1.9
2.0
1.9
1.9
4.5
4.4
4.5
4.4
4.4
6.0
5.9
6.0
5.9
5.9
4.5
IO = -4.0 mA
4.18
4.31
4.13
4.10
6.0
IO = -5.2 mA
5.68
5.8
5.63
5.60
VOL
Low-level output
voltage
2.0
IO = -20 µA
0.0
0.1
0.1
0.1
4.5
0.0
0.1
0.1
0.1
6.0
0.0
0.1
0.1
0.1
4.5
IO = -4.0 mA
0.17
0.26
0.33
0.40
6.0
IO = -5.2 mA
0.18
0.26
0.33
0.40
II
Input leakage current
6.0
VI = VCC or
GND
±0.1
±1
±1
µA
ICC
Quiescent supply
current
1
10
20
Table 6: AC electrical characteristics (CL = 50 pF, input tr = tf = 6 ns)
Sym.
Parameter
Test condition
Value
Value
VCC (V)
TA = 25 °C
-40 to 85 °C
-55 to 125 °C
Typ
Max
Max
Max
tTLH, tTHL
Output transition time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH, tPHL
Propagation delay time
2.0
42
125
155
190
4.5
14
25
31
38
6.0
12
21
16
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com