Electronic Components Datasheet Search
  English  ▼

X  

STPS2L40U Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPS2L40U
Description  40 V, 2 A low drop power Schottky rectifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L40U Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPS2L40U Datasheet HTML 7Page - STMicroelectronics STPS2L40U Datasheet HTML 8Page - STMicroelectronics STPS2L40U Datasheet HTML 9Page - STMicroelectronics STPS2L40U Datasheet HTML 10Page - STMicroelectronics STPS2L40U Datasheet HTML 11Page - STMicroelectronics STPS2L40U Datasheet HTML 12Page - STMicroelectronics STPS2L40U Datasheet HTML 13Page - STMicroelectronics STPS2L40U Datasheet HTML 14Page - STMicroelectronics STPS2L40U Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
2.3
SMA Flat package information
•
Epoxy meets UL94, V0
•
Lead-free package
Figure 20. SMA Flat package outline
D
A
L 2x
L
L2 2 x
L1 2 x
E
E1
b
c
2 x
Table 6. SMA Flat package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.10
0.035
0.044
b
1.25
1.65
0.049
0.065
c
0.15
0.40
0.005
0.016
D
2.25
2.95
0.088
0.117
E
4.80
5.60
0.188
0.221
E1
3.95
4.60
0.155
0.182
L
0.75
1.50
0.029
0.060
L1
0.50
0.020
L2
0.50
0.020
STPS2L40
SMA Flat package information
DS2146 - Rev 6
page 11/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com