Electronic Components Datasheet Search
  English  ▼

X  

S24CS08A Datasheet(PDF) 27 Page - Seiko Instruments Inc

Part # S24CS08A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CS08A Datasheet(HTML) 27 Page - Seiko Instruments Inc

Back Button S24CS08A Datasheet HTML 23Page - Seiko Instruments Inc S24CS08A Datasheet HTML 24Page - Seiko Instruments Inc S24CS08A Datasheet HTML 25Page - Seiko Instruments Inc S24CS08A Datasheet HTML 26Page - Seiko Instruments Inc S24CS08A Datasheet HTML 27Page - Seiko Instruments Inc S24CS08A Datasheet HTML 28Page - Seiko Instruments Inc S24CS08A Datasheet HTML 29Page - Seiko Instruments Inc S24CS08A Datasheet HTML 30Page - Seiko Instruments Inc S24CS08A Datasheet HTML 31Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
Rev.4.4_00
S-24CS01A/02A/04A/08A
Seiko Instruments Inc.
27
8. Trap: E
2PROM operation in case that the stop condition is received during write operation before
receiving the defined data value (less than 8-bit) to SCL pin
When the E
2PROM receives the stop condition signal compulsorily, during receiving 1 byte of write data,
“write” operation is aborted.
When the E
2PROM receives the stop condition signal after receiving 1 byte or more of data for “page
write”, 8-bit of data received normally before receiving the stop condition signal can be written.
9. Trap: E
2PROM operation and write data in case that write data is input more than defined page size at
“page write”
When write data is input more than defined page size at page write operation, for example, S-24CS04A
(which can be executed 16-byte page write) is received data more than 17 byte, 8-bit data of the 17th byte
is over written to the first byte in the same page. Data over the capacity of page address cannot be written.
10. Trap: Severe environments
Absolute maximum ratings: Do not operate these ICs in excess of the absolute maximum ratings (as listed
on the data sheet). Exceeding the supply voltage rating can cause latch-up.
Operations with moisture on the E
2PROM pins may occur malfunction by short-circuit between pins.
Especially, in occasions like picking the E
2PROM up from low temperature tank during the evaluation. Be
sure that not remain frost on E
2PROM pin to prevent malfunction by short-circuit.
Also attention should be paid in using on environment, which is easy to dew for the same reason.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com