Electronic Components Datasheet Search
  English  ▼

X  

R3DB-AGKB Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # R3DB-AGKB
Description  This precision optical performance oval LED is specifically designed for passenger information signs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

R3DB-AGKB Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  R3DB-AGKB Datasheet HTML 1Page - Everlight Electronics Co., Ltd R3DB-AGKB Datasheet HTML 2Page - Everlight Electronics Co., Ltd R3DB-AGKB Datasheet HTML 3Page - Everlight Electronics Co., Ltd R3DB-AGKB Datasheet HTML 4Page - Everlight Electronics Co., Ltd R3DB-AGKB Datasheet HTML 5Page - Everlight Electronics Co., Ltd R3DB-AGKB Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data Sheet
3474/R3DB-AGKB/X/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 1 of 6
Device Number : DLE-347-008
Prepared date: 02-06-2006
Prepared by: Grace Shen
Features
․High luminous intensity output
․Oval Shape
․Well defined spatial radiation
․Wide viewing angle (2θ1/2) : 100
o / 50 o
․The product itself will remain within RoHS compliant version
․UV resistant epoxy
Descriptions
․This precision optical performance oval LED is specifically
designed for passenger information signs
․This lamp has matched radiation patterns with yellow, blue
or green mixing color applications
․Superior performance in outdoor environment
Applications
․Single or Dual Color Graphic Signs
․Message boards
․Variable message signs (VMS)
․Commercial outdoor advertising
Device Selection Guide
LED Part No.
Chip Material
Emitted Color
Lens Color
Stopper
3474/R3DB-AGKB/MS
No
3474/R3DB-AGKB/P/MS
AlGaInP
Hyper red
Red Diffused
Yes


Similar Part No. - R3DB-AGKB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
R3DB-AGHC EVERLIGHT-R3DB-AGHC Datasheet
102Kb / 10P
performance oval LED
More results

Similar Description - R3DB-AGKB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
3474B1DBAFHAXMS EVERLIGHT-3474B1DBAFHAXMS Datasheet
111Kb / 7P
This precision optical performance oval LED is specifically designed for passenger information signs
3474G1DBALNAXMS EVERLIGHT-3474G1DBALNAXMS Datasheet
111Kb / 7P
This precision optical performance oval LED is specifically designed for passenger information signs
3474R3DBAHKBXMS EVERLIGHT-3474R3DBAHKBXMS Datasheet
93Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
3474Y3DBAGKBXMS EVERLIGHT-3474Y3DBAGKBXMS Datasheet
95Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
5484BADCAFHAXMS EVERLIGHT-5484BADCAFHAXMS Datasheet
93Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
5484GADCAMPAXMS EVERLIGHT-5484GADCAMPAXMS Datasheet
93Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
5484Y3DCAHLCXMS EVERLIGHT-5484Y3DCAHLCXMS Datasheet
100Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
5484Y5DCAJLBXMS EVERLIGHT-5484Y5DCAJLBXMS Datasheet
99Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
6364G1DAANQAXMS EVERLIGHT-6364G1DAANQAXMS Datasheet
111Kb / 7P
This precision optical performance oval LED is specifically designed for passenger information signs
6374Y5DAAKMBXMS EVERLIGHT-6374Y5DAAKMBXMS Datasheet
95Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com