Electronic Components Datasheet Search
  English  ▼

X  

AMPA Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # AMPA
Description  This precision optical performance oval LED is specifically designed for passenger information signs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

AMPA Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  AMPA Datasheet HTML 1Page - Everlight Electronics Co., Ltd AMPA Datasheet HTML 2Page - Everlight Electronics Co., Ltd AMPA Datasheet HTML 3Page - Everlight Electronics Co., Ltd AMPA Datasheet HTML 4Page - Everlight Electronics Co., Ltd AMPA Datasheet HTML 5Page - Everlight Electronics Co., Ltd AMPA Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data Sheet
5484/GADC-AMPA/X/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 2
Page: 1 of 6
Device Number : DLE-548-025
Prepared date: 10-19-2007
Prepared by: Grace Shen
Features
․High luminous intensity output
․Oval Shape
․Well defined spatial radiation
․Wide viewing angle (2θ1/2) : 110
o / 40o
․UV resistant epoxy
․The product itself will remain within RoHS compliant version
Descriptions
․This precision optical performance oval LED is specifically
designed for passenger information signs
․This lamp has matched radiation patterns with red and blue
mixing color applications
Applications
․Color graphic signs
․Message boards
․Variable message signs (VMS)
․Commercial outdoor advertising
Device Selection Guide
LED Part No.
Chip Material
Emitted Color
Lens Color
Stopper
5484/GADC-AMPA/MS
No
5484/GADC-AMPA/P/MS
InGaN
Brilliant Green
Green Diffused
Yes


Similar Part No. - AMPA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMPAD708 AD-AMPAD708 Datasheet
415Kb / 8P
Ultralow Offset Voltage Dual Op Amp
REV.B
logo
Advanced Micro Devices
AMPAL20L10-20 AMD-AMPAL20L10-20 Datasheet
1Mb / 23P
PAL20X10A Series - XOR Registered 24-pin TTL Programmable Array Logic
AMPAL20L10AL AMD-AMPAL20L10AL Datasheet
1Mb / 23P
PAL20X10A Series - XOR Registered 24-pin TTL Programmable Array Logic
AMPAL20L10B AMD-AMPAL20L10B Datasheet
1Mb / 23P
PAL20X10A Series - XOR Registered 24-pin TTL Programmable Array Logic
AMPAL22V10 AMD-AMPAL22V10 Datasheet
184Kb / 20P
PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
More results

Similar Description - AMPA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
3474B1DBAFHAXMS EVERLIGHT-3474B1DBAFHAXMS Datasheet
111Kb / 7P
This precision optical performance oval LED is specifically designed for passenger information signs
3474G1DBALNAXMS EVERLIGHT-3474G1DBALNAXMS Datasheet
111Kb / 7P
This precision optical performance oval LED is specifically designed for passenger information signs
3474R3DBAGKBXMS EVERLIGHT-3474R3DBAGKBXMS Datasheet
93Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
3474R3DBAHKBXMS EVERLIGHT-3474R3DBAHKBXMS Datasheet
93Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
3474Y3DBAGKBXMS EVERLIGHT-3474Y3DBAGKBXMS Datasheet
95Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
5484BADCAFHAXMS EVERLIGHT-5484BADCAFHAXMS Datasheet
93Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
5484Y3DCAHLCXMS EVERLIGHT-5484Y3DCAHLCXMS Datasheet
100Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
5484Y5DCAJLBXMS EVERLIGHT-5484Y5DCAJLBXMS Datasheet
99Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
6364G1DAANQAXMS EVERLIGHT-6364G1DAANQAXMS Datasheet
111Kb / 7P
This precision optical performance oval LED is specifically designed for passenger information signs
6374Y5DAAKMBXMS EVERLIGHT-6374Y5DAAKMBXMS Datasheet
95Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com