Electronic Components Datasheet Search
  English  ▼

X  

LP38788 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP38788
Description  LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for RF/Analog Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38788 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38788 Datasheet HTML 6Page - Texas Instruments LP38788 Datasheet HTML 7Page - Texas Instruments LP38788 Datasheet HTML 8Page - Texas Instruments LP38788 Datasheet HTML 9Page - Texas Instruments LP38788 Datasheet HTML 10Page - Texas Instruments LP38788 Datasheet HTML 11Page - Texas Instruments LP38788 Datasheet HTML 12Page - Texas Instruments LP38788 Datasheet HTML 13Page - Texas Instruments LP38788 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OUT(FB)
2
3
4
5
6
7
8
1
SET
FB
GND(CP)
CP
EN
IN(CP)
VIN
VOUT
GND
GND
CCP
10 nF
COUT
10 PF
R1
47.5k
R2
15.0k
LP38788
GND
IN
IN
OUT
OUT
9
10
11
12
VEN
DAP
5.00V
5.50V
CIN
1 PF
MLCC
+
(1.20V)
(5.00V)
LP38788, LP38788-ADJ
SNVS802B – APRIL 2012 – REVISED OCTOBER 2012
www.ti.com
MOUNTING THE LLP PACKAGE
The SDA12B (No Pullback) 12-Lead LLP package requires specific mounting techniques that are detailed in AN-
1187 (Literature Number: snoa401q). Referring to the section PCB Design Recommendations in AN-1187
(Page 5), it should be noted that the pad style that should be used with the SDA12B LLP package is the NSMD
(non-solder mask defined) type. Additionally, it is recommended the PCB terminal pads to be 0.2 mm longer than
the package pads to create a solder fillet to improve reliability and inspection.
The thermal dissipation of the LLP package is directly related to the printed circuit board construction and the
amount of additional copper area connected to the DAP.
The DAP (exposed pad) on the bottom of the LLP package is connected to the die substrate with a conductive
die attach adhesive. The DAP has no direct electrical (wire) connection to any of the twelve pins. There is a
parasitic PN junction between the die substrate and the device ground. As such, it is strongly recommend that
the DAP be connected directly to the ground at device leads 6 and 7 (i.e. GND). Alternately, but not
recommended, the DAP may be left floating (i.e. no electrical connection). The DAP must not be connected to
any potential other than ground.
For the LP38788 in the SDA12B 12-Lead LLP package, the junction-to-case thermal resistance rating,
θJC, is
5°C/W, where the case is on the bottom of the package at the center of the DAP.
The junction-to-ambient thermal performance for the LP38788SD in the SDA12B 12-Lead LLP package, using
the JEDEC JESD51 standards, is summarized in the following table:
LP38788SD-ADJ (LLP-12) Thermal Performance
Board
Thermal
θJA
PSIJB
θJC
Type
Vias
JEDEC
2-Layer
None
138°C/W
45.9°C/W
5°C/W
JESD 51-3
1
51°C/W
26.1°C/W
2
45°C/W
24.7°C/W
JEDEC
4-Layer
4
39°C/W
18.0°C/W
5°C/W
JESD 51-7
6
36°C/W
14.9°C/W
8
34°C/W
13.2°C/W
Typical Applications
Figure 2. Typical Application, VOUT= 5.0V
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP38788 LP38788-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com