Electronic Components Datasheet Search
  English  ▼

X  

LP3981 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3981
Description  LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3981 Datasheet(HTML) 3 Page - Texas Instruments

  LP3981 Datasheet HTML 1Page - Texas Instruments LP3981 Datasheet HTML 2Page - Texas Instruments LP3981 Datasheet HTML 3Page - Texas Instruments LP3981 Datasheet HTML 4Page - Texas Instruments LP3981 Datasheet HTML 5Page - Texas Instruments LP3981 Datasheet HTML 6Page - Texas Instruments LP3981 Datasheet HTML 7Page - Texas Instruments LP3981 Datasheet HTML 8Page - Texas Instruments LP3981 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Device
Code
IN 2
GND
6 EN
OUT 1
4 GND
OUT-SENSE 3
5 BYPASS
NC
OUT-SENSE
OUT
LP3981
1
2
3
4
5
6
7
8
IN
NC
EN
BYPASS
GND
LP3981
www.ti.com
SNVS159H – OCTOBER 2001 – REVISED JULY 2015
5 Pin Configuration and Functions
DGK Package
8-Pin VSSOP
Top View
NGC Package
6-Pin WSON With Exposed Thermal Pad
Top View
Pin Descriptions
PIN
TYPE
DESCRIPTION
NAME
VSSOP
WSON
BYPASS
6
5
—
Optional bypass capacitor for noise reduction.
EN
7
6
I
Enable input logic, enable high.
GND
5
4
G
Common ground. Connect to PAD.
IN
2
2
I
Input voltage of the LDO.
NC
3, 8
—
—
No internal connection.
OUT
1
1
O
Output voltage of the LDO.
OUT-SENSE
4
3
O
Output. Voltage sense pin. Must be connected to OUT for proper
operation.
THERMAL PAD
—
√
—
Common ground. Connect to pin 4.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com