Electronic Components Datasheet Search
  English  ▼

X  

LSF0204D Datasheet(PDF) 16 Page - Texas Instruments

Part # LSF0204D
Description  LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0204D Datasheet(HTML) 16 Page - Texas Instruments

Back Button LSF0204D Datasheet HTML 12Page - Texas Instruments LSF0204D Datasheet HTML 13Page - Texas Instruments LSF0204D Datasheet HTML 14Page - Texas Instruments LSF0204D Datasheet HTML 15Page - Texas Instruments LSF0204D Datasheet HTML 16Page - Texas Instruments LSF0204D Datasheet HTML 17Page - Texas Instruments LSF0204D Datasheet HTML 18Page - Texas Instruments LSF0204D Datasheet HTML 19Page - Texas Instruments LSF0204D Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
To calculate the maximum practical frequency component, or the knee frequency (fknee), use the following
equations:
fknee = 0.5/RT (10–80%)
(2)
fknee = 0.4/RT (20–80%)
(3)
For signals with rise time characteristics based on 10- to 90-percent thresholds, fknee is equal to 0.5 divided by
the rise time of the signal. For signals with rise time characteristics based on 20% to 80% thresholds, which is
very common in many of today's device specifications, fknee is equal to 0.4 divided by the rise time of the signal.
Some guidelines to follow that will help maximize the performance of the device:
• Keep trace length to a minimum by placing the LSF family close to the I2C output of the processor.
• The trace length should be less than half the time of flight to reduce ringing and line reflections or non-
monotonic behavior in the switching region.
• To reduce overshoots, a pullup resistor can be added on the 1.8 V side; be aware that a slower fall time is to
be expected.
10.2.1.3 Application Curve
Input
Output
Time (ns)
±1
1
2
4
0
0
50
100
150
200
250
350
400
500
450
3
300
Figure 10-3. Captured Waveform From Above I2C Set-Up (1.8 V to 3.3 V at 2.5 MHz)
LSF0204, LSF0204D
SLVSCP5H – JULY 2014 – REVISED APRIL 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com