Electronic Components Datasheet Search
  English  ▼

X  

MAX3232CDB Datasheet(PDF) 13 Page - Texas Instruments

Part # MAX3232CDB
Description  MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With ±15-kV ESD Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3232CDB Datasheet(HTML) 13 Page - Texas Instruments

Back Button MAX3232CDB Datasheet HTML 9Page - Texas Instruments MAX3232CDB Datasheet HTML 10Page - Texas Instruments MAX3232CDB Datasheet HTML 11Page - Texas Instruments MAX3232CDB Datasheet HTML 12Page - Texas Instruments MAX3232CDB Datasheet HTML 13Page - Texas Instruments MAX3232CDB Datasheet HTML 14Page - Texas Instruments MAX3232CDB Datasheet HTML 15Page - Texas Instruments MAX3232CDB Datasheet HTML 16Page - Texas Instruments MAX3232CDB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
11 Layout
11.1 Layout Guidelines
Keep the external capacitor traces short. This is more important on C1 and C2 nodes that have the fastest rise
and fall times.
11.2 Layout Example
VCC
Ground
Ground
14
13
15
12
11
10
9
1
2
3
4
5
6
7
8
16
C2
C1
Ground
C3
C4
0.1µF
C1+
V+
C1–
C2+
C2–
V–
DOUT2
RIN2
VCC
GND
DOUT1
RIN1
ROUT1
DIN1
DIN2
ROUT2
Figure 11-1. Layout Diagram
www.ti.com
MAX3232
SLLS410O – JANUARY 2000 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: MAX3232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com