Electronic Components Datasheet Search
  English  ▼

X  

MSP430F149IPM Datasheet(PDF) 38 Page - Texas Instruments

Part # MSP430F149IPM
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F149IPM Datasheet(HTML) 38 Page - Texas Instruments

Back Button MSP430F149IPM Datasheet HTML 34Page - Texas Instruments MSP430F149IPM Datasheet HTML 35Page - Texas Instruments MSP430F149IPM Datasheet HTML 36Page - Texas Instruments MSP430F149IPM Datasheet HTML 37Page - Texas Instruments MSP430F149IPM Datasheet HTML 38Page - Texas Instruments MSP430F149IPM Datasheet HTML 39Page - Texas Instruments MSP430F149IPM Datasheet HTML 40Page - Texas Instruments MSP430F149IPM Datasheet HTML 41Page - Texas Instruments MSP430F149IPM Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
38
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
SLAS272H – JULY 2000 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Detailed Description
Copyright © 2000–2018, Texas Instruments Incorporated
6.7.2
Special Function Registers
Most interrupt and module-enable bits are collected in the lowest address space. Special-function register
bits not allocated to a functional purpose are not physically present in the device. This arrangement
provides simple software access.
Figure 6-4. Interrupt Enable 1 Bit Register
7
6
5
4
3
2
1
0
UTXIE0
URXIE0
ACCVIE
NMIIE
Reserved
OFIE
WDTIE
R/W-0
R/W-0
R/W-0
R/W-0
R-0
R/W-0
R/W-0
Table 6-6. Interrupt Enable 1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
UTXIE0
R/W
0
USART0: UART and SPI transmit interrupt enable
6
URXIE0
R/W
0
USART0: UART and SPI receive interrupt enable
5
ACCVIE
R/W
0
Flash access violation interrupt enable
4
NMIIE
R/W
0
Nonmaskable interrupt enable
3-2
Reserved
R
0
1
OFIE
R/W
0
Oscillator-fault interrupt enable
0
WDTIE
R/W
0
Watchdog timer interrupt enable. Inactive if watchdog mode is selected. Active if watchdog
timer is configured in interval timer mode.
Figure 6-5. Interrupt Enable 2 Bit Register
7
6
5
4
3
2
1
0
Reserved
UTXIE1
URXIE1
Reserved
R-0
R/W-0
R/W-0
R-0
Table 6-7. Interrupt Enable 2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
Reserved
R
0
5
UTXIE1
R/W
0
USART1: UART and SPI receive interrupt enable
4
URXIE1
R/W
0
USART1: UART and SPI transmit interrupt enable
3-0
Reserved
R/W
0
Figure 6-6. Interrupt Flag 1 Bit Register
7
6
5
4
3
2
1
0
UTXIFG0
URXIFG0
Reserved
NMIIFG
Reserved
OFIFG
WDTIFG
R/W-1
R/W-0
R-0
R/W-0
R-0
R/W-1
R/W-(0)
Table 6-8. Interrupt Flag 1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
UTXIFG0
R/W
1
USART0: UART and SPI transmit flag
6
URXIFG0
R/W
0
USART0: UART and SPI receive flag
5
Reserved
R
0
4
NMIIFG
R/W
0
Set by RST/NMI pin
3-2
Reserved
R
0
1
OFIFG
R/W
1
Flag set on oscillator fault
0
WDTIFG
R/W
(0)
Set on watchdog timer overflow (in watchdog mode) or security key violation. Reset on VCC
power up or a reset condition at the RST/NMI pin in reset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com