Electronic Components Datasheet Search
  English  ▼

X  

S-1122 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S-1122
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1122 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S-1122 Datasheet HTML 17Page - Seiko Instruments Inc S-1122 Datasheet HTML 18Page - Seiko Instruments Inc S-1122 Datasheet HTML 19Page - Seiko Instruments Inc S-1122 Datasheet HTML 20Page - Seiko Instruments Inc S-1122 Datasheet HTML 21Page - Seiko Instruments Inc S-1122 Datasheet HTML 22Page - Seiko Instruments Inc S-1122 Datasheet HTML 23Page - Seiko Instruments Inc S-1122 Datasheet HTML 24Page - Seiko Instruments Inc S-1122 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_00
S-1112/1122 Series
Seiko Instruments Inc.
21
Reference Data
(1) Input transient response characteristics
S-1112B15 (Ta
= 25°C)
S-1112B30 (Ta
= 25°C)
IOUT
= 30 mA, tr = tf = 5.0 µs, COUT = 0.47 µF, CIN = 0 µF
IOUT
= 30 mA, tr = tf = 5.0 µs, COUT = 0.47 µF, CIN = 0 µF
1.62
1.60
1.58
1.56
1.54
1.52
1.50
1.48
1.46
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VIN
VOUT
-40 -20
0
20
40
60
80 100 120 140 160
-40 -20
0
20
40
60
80 100 120 140 160
VIN
VOUT
3.08
3.06
3.04
3.02
3.00
2.98
2.96
6
5
4
3
2
1
0
t [
µs]
t [
µs]
S-1112B50 (Ta
= 25°C)
IOUT
= 30 mA, tr = tf = 5.0 µs, COUT = 0.47 µF, CIN = 0 µF
5.12
5.10
5.08
5.06
5.04
5.02
5.00
4.98
4.96
8
7
6
5
4
3
2
1
0
VIN
VOUT
-40 -20
0
20
40
60
80 100 120 140 160
t [
µs]
(2) Load transient response characteristics
S-1112B15 (Ta
= 25°C)
S-1112B30 (Ta
= 25°C)
VIN
= 2.5 V, COUT = 0.47 µF, CIN = 1.0 µF, IOUT = 50↔100 mA
VIN
= 4.0 V, COUT = 0.47 µF, CIN = 1.0 µF, IOUT = 50↔100 mA
0
20
40
60
80 100 120 140
-40 -20
160
IOUT
VOUT
1.70
1.65
1.60
1.55
1.50
1.45
1.40
150
100
50
0
–50
–100
–150
0
20
40
60
80 100 120 140
-40 -20
160
IOUT
VOUT
150
100
50
0
–50
–100
–150
3.20
3.15
3.10
3.05
3.00
2.95
2.90
t [
µs]
t [
µs]
S-1112B50 (Ta
= 25°C)
VIN
= 6.0 V, COUT = 0.47 µF, CIN = 1.0 µF, IOUT = 50↔100 mA
0
20
40
60
80 100 120 140
-40 -20
160
VOUT
IOUT
5.20
5.15
5.10
5.05
5.00
4.95
4.90
150
100
50
0
–50
–100
–150
t [
µs]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com