Electronic Components Datasheet Search
  English  ▼

X  

STM32F031C6T7 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM32F031C6T7
Description  ARM®-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031C6T7 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32F031C6T7 Datasheet HTML 30Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 31Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 32Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 33Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 34Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 35Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 36Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 37Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 106 page
background image
Memory mapping
STM32F031x4 STM32F031x6
34/106
DocID025743 Rev 6
Table 14. Peripheral register boundary addresses
Bus
Boundary address
Size
Peripheral
0x4800 1800 - 0x5FFF FFFF
~384 MB
Reserved
AHB2
0x4800 1400 - 0x4800 17FF
1KB
GPIOF
0x4800 0C00 - 0x4800 13FF
2KB
Reserved
0x4800 0800 - 0x4800 0BFF
1KB
GPIOC
0x4800 0400 - 0x4800 07FF
1KB
GPIOB
0x4800 0000 - 0x4800 03FF
1KB
GPIOA
0x4002 4400 - 0x47FF FFFF
~128 MB
Reserved
AHB1
0x4002 3400 - 0x4002 3FFF
3 KB
Reserved
0x4002 3000 - 0x4002 33FF
1 KB
CRC
0x4002 2400 - 0x4002 2FFF
3 KB
Reserved
0x4002 2000 - 0x4002 23FF
1 KB
Flash memory interface
0x4002 1400 - 0x4002 1FFF
3 KB
Reserved
0x4002 1000 - 0x4002 13FF
1 KB
RCC
0x4002 0400 - 0x4002 0FFF
3 KB
Reserved
0x4002 0000 - 0x4002 03FF
1 KB
DMA
0x4001 8000 - 0x4001 FFFF
32 KB
Reserved
APB
0x4001 5C00 - 0x4001 7FFF
9KB
Reserved
0x4001 5800 - 0x4001 5BFF
1KB
DBGMCU
0x4001 4C00 - 0x4001 57FF
3KB
Reserved
0x4001 4800 - 0x4001 4BFF
1KB
TIM17
0x4001 4400 - 0x4001 47FF
1KB
TIM16
0x4001 3C00 - 0x4001 43FF
2KB
Reserved
0x4001 3800 - 0x4001 3BFF
1KB
USART1
0x4001 3400 - 0x4001 37FF
1KB
Reserved
0x4001 3000 - 0x4001 33FF
1KB
SPI1/I2S1
0x4001 2C00 - 0x4001 2FFF
1KB
TIM1
0x4001 2800 - 0x4001 2BFF
1KB
Reserved
0x4001 2400 - 0x4001 27FF
1KB
ADC
0x4001 0800 - 0x4001 23FF
7KB
Reserved
0x4001 0400 - 0x4001 07FF
1KB
EXTI
0x4001 0000 - 0x4001 03FF
1KB
SYSCFG
0x4000 8000 - 0x4000 FFFF
32 KB
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com