Electronic Components Datasheet Search
  English  ▼

X  

120PC Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 120PC
Description  1xxPC Series - Riedon™ Precision Radial Wirewound Resistors by Bourns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

120PC Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  120PC Datasheet HTML 1Page - Bourns Electronic Solutions 120PC Datasheet HTML 2Page - Bourns Electronic Solutions 120PC Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1xxPC Series - Riedon™ Precision Radial Wirewound Resistors by Bourns
Power Derating Curves
180
160
140
120
100
80
60
40
20
0
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (°C)
1 % / 0.5 % / 0.1 % Tolerance
0.05 % / 0.02 % Tolerance
0.01 % Tolerance
0.005 % Tolerance
Factory Options
Fast Rise Time - These resistors are
available in a low reactance design for fast
rise time and extended frequency response.
High Stability - These resistors are available
in a high stability version with maximum
resistance change of ±20 PPM/year under
normal conditions.
Wide TCR Range - These resistors are
available in low and high TC configurations
from -20 PPM/°C to +6000 PPM/°C.
Contact Bourns for these options.
REV. 09/25
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
How To Order
101PC - 25R X 1
Model
(See Specifications Table)
Resistance Code
For values ≤10K
Ω, “R”
represents decimal point
(Example: 25R = 25 Ω)
For values >10K
Ω, “K”
represents decimal point
(Example: 1K5 = 1.5K Ω)
Tolerance (%)
Y** = ±0.005 U = ±0.05 D = ±0.5 J = ±5
X** = ±0.01 B = ±0.1 F = ±1
K = ±10
W** = ±0.02 T = ±0.2 G = ±2
V** = ±0.025 C = ±0.25 H = ±3
Internal Use
(Specific TCR values are available upon
request.)
** Contact Bourns for tolerances <±0.01 %.
Packaging Specifications
All models...........................100 pcs. bulk
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
Europe: Tel: +36 88 885 877 • Email: eurocus@bourns.com
Mexico: Tel: +52 614 478 0400 • Email: mexicus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com