Electronic Components Datasheet Search
  English  ▼

X  

718 Datasheet(PDF) 1 Page - 3M Electronics

Part # 718
Description  3M™ 718 Static Sensor Physical Properties
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

718 Datasheet(HTML) 1 Page - 3M Electronics

  718 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3M™ 718 Static Sensor Physical Properties
Property
Typical Value
Dimensions
0.85 in. (H) x 2.4 in. (W) x 4.15 in. (L)
2.2 cm (H) x 6.1 cm (W) x 10.5 cm (L)
Weight
4.5 oz. (128 g) with battery
Power Requirements
One 9-volt alkaline battery (not included)
Measurement Ranges
0 – 2 kV Low Range
0 - 20 kV High Range
Voltage Display
3½ digit liquid crystal display
Distance Indicator
LED targets. Aligned targets indicate 1 in. (2.54 cm)
measurement distance
Measurement Accuracy
Within 5% of actual voltage
Certifications
UL, C-UL, CE, CB-scheme, NOM


Similar Part No. - 718

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
718 GILWAY-718 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
JMK Inc.
718 JMK-718 Datasheet
38Kb / 1P
The 0716 & 0718 series filters provide excellent general filtering for Wye or Delta power configurations.
logo
List of Unclassifed Man...
718 ETC2-718 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
logo
Enercon Technologies Eu...
718 ENERCON-718 Datasheet
692Kb / 2P
Ultra Compact 8 x 1GbE Embedded Military Board Level Ethernet Switch
Jan 25, 2020
logo
Greenlee Communications
718 GREENLEE-718 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
More results

Similar Description - 718

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP032 WPI-WPANTDP032 Datasheet
279Kb / 1P
Electrical Properties
WPANTDP033 WPI-WPANTDP033 Datasheet
119Kb / 1P
Electrical Properties
WPANTDP030 WPI-WPANTDP030 Datasheet
93Kb / 1P
Electrical Properties
WPANTDP031 WPI-WPANTDP031 Datasheet
266Kb / 1P
Electrical Properties
WPANTDP046 WPI-WPANTDP046 Datasheet
76Kb / 1P
Electrical Properties
logo
Shanghai Leiditech Elec...
SMD1812P500TF-6 LEIDITECH-SMD1812P500TF-6 Datasheet
1Mb / 4P
Electrical Properties
logo
3M Electronics
2671A 3M-2671A Datasheet
1Mb / 4P
3M™ Static Dissipative Heat Activated Cover Tape 2671A
August 2017
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com