Electronic Components Datasheet Search
  English  ▼

X  

MSP430C412IPM Datasheet(PDF) 27 Page - Texas Instruments

Part # MSP430C412IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430C412IPM Datasheet(HTML) 27 Page - Texas Instruments

Back Button MSP430C412IPM Datasheet HTML 23Page - Texas Instruments MSP430C412IPM Datasheet HTML 24Page - Texas Instruments MSP430C412IPM Datasheet HTML 25Page - Texas Instruments MSP430C412IPM Datasheet HTML 26Page - Texas Instruments MSP430C412IPM Datasheet HTML 27Page - Texas Instruments MSP430C412IPM Datasheet HTML 28Page - Texas Instruments MSP430C412IPM Datasheet HTML 29Page - Texas Instruments MSP430C412IPM Datasheet HTML 30Page - Texas Instruments MSP430C412IPM Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340J − MAY 2001 − REVISED DECEMBER 2008
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
wake-up LPM3
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
f = 1 MHz
6
td(LPM3)
Delay time
f = 2 MHz
VCC = 2.2 V/3 V
6
μs
td(LPM3)
Delay time
f = 3 MHz
VCC 2.2 V/3 V
6
μs
RAM (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VRAMh
CPU halted (see Note 1)
1.6
V
NOTE 1: This parameter defines the minimum supply voltage when the data in the program memory RAM remain unchanged. No program
execution should take place during this supply voltage condition.
LCD
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(33)
Voltage at P5.7/R33
2.5
VCC +0.2
V(23)
Analog voltage
Voltage at P5.6/R23
V
3V
(V33−V03) × 2/3 + V03
V
V(13)
Analog voltage
Voltage at P5.5/R13
VCC = 3 V
(V(33)−V(03)) × 1/3 + V(03)
V
V(33) − V(03)
Voltage at R33/R03
2.5
VCC + 0.2
I(R03)
R03 = VSS
No load at all
±20
I(R13)
Input leakage
P5.5/R13 = VCC/3
segment and
common lines
±20
nA
I(R23)
pg
P5.6/R23 = 2
× VCC/3
common lines,
VCC = 3 V
±20
V(Sxx0)
V(03)
V(03) − 0.1
V(Sxx1)
Segment line
I
3 A
V
3V
V(13)
V(13) − 0.1
V
V(Sxx2)
Segment line
voltage
I(Sxx) = −3 μA,
VCC = 3 V
V(23)
V(23) − 0.1
V
V(Sxx3)
V(33)
V(33) + 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com