Electronic Components Datasheet Search
  English  ▼

X  

MUX506 Datasheet(PDF) 13 Page - Texas Instruments

Part # MUX506
Description  MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX506 Datasheet(HTML) 13 Page - Texas Instruments

Back Button MUX506 Datasheet HTML 9Page - Texas Instruments MUX506 Datasheet HTML 10Page - Texas Instruments MUX506 Datasheet HTML 11Page - Texas Instruments MUX506 Datasheet HTML 12Page - Texas Instruments MUX506 Datasheet HTML 13Page - Texas Instruments MUX506 Datasheet HTML 14Page - Texas Instruments MUX506 Datasheet HTML 15Page - Texas Instruments MUX506 Datasheet HTML 16Page - Texas Instruments MUX506 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Frequency (Hz)
0.01
0.1
1
10
100
10
100
1k
10k
100k
D014
VDD = 15 V, VSS = -15 V
VDD = 5 V, VSS = -5 V
Frequency (Hz)
-30
-25
-20
-15
-10
-5
0
5
100k
1M
10M
100M
1G
D021
Frequency (Hz)
-140
-120
-100
-80
-60
-40
-20
0
100k
1M
10M
100M
1G
D012
Adjacent Channel to D (Output)
Non-Adjacent Channel to D (Output)
Frequency (Hz)
-140
-120
-100
-80
-60
-40
-20
0
100k
1M
10M
100M
1G
D013
Adjacent Channels
Non-Adjacent Channels
Drain voltage (V)
-15
-10
-5
0
5
10
15
-9
-6
-3
0
3
6
9
D008
VDD = 15 V, VSS = -15 V
VDD = 10 V, VSS = -10 V
VDD = 12 V, VSS = 0 V
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
0
30
60
90
120
150
D010
tOFF (VDD = 15 V, VSS = -15 V)
tON (VDD = 15 V, VSS = -15 V)
tOFF (VDD = 12 V, VSS = 0 V)
tON (VDD = 12 V, VSS = 0 V)
13
MUX506, MUX507
www.ti.com
SBAS803A – NOVEMBER 2016 – REVISED NOVEMBER 2017
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
Drain-to-source
Figure 13. Charge Injection vs Drain Voltage
Figure 14. Turn-On and Turn-Off Times vs Temperature
Figure 15. Off Isolation vs Frequency
Figure 16. Crosstalk vs Frequency
Figure 17. THD+N vs Frequency
Figure 18. On Response vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com