Electronic Components Datasheet Search
  English  ▼

X  

MUX506IPW Datasheet(PDF) 20 Page - Texas Instruments

Part # MUX506IPW
Description  MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX506IPW Datasheet(HTML) 20 Page - Texas Instruments

Back Button MUX506IPW Datasheet HTML 16Page - Texas Instruments MUX506IPW Datasheet HTML 17Page - Texas Instruments MUX506IPW Datasheet HTML 18Page - Texas Instruments MUX506IPW Datasheet HTML 19Page - Texas Instruments MUX506IPW Datasheet HTML 20Page - Texas Instruments MUX506IPW Datasheet HTML 21Page - Texas Instruments MUX506IPW Datasheet HTML 22Page - Texas Instruments MUX506IPW Datasheet HTML 23Page - Texas Instruments MUX506IPW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
VDD
VDD
VSS
VSS
VS
Output
300
Ÿ
35 pF
MUX506
EN
A0
A1
A2
S1
S2-S16
D
GND
VIN
3 V
Enable
Drive (VIN)
0 V
50%
50%
tON (EN)
tOFF (EN)
0.1 VS
0.9 VS
Output
Copyright © 2016, Texas Instruments Incorporated
A3
VS
0 V
20
MUX506, MUX507
SBAS803A – NOVEMBER 2016 – REVISED NOVEMBER 2017
www.ti.com
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.7 Turn-On and Turn-Off Time
Turn-on time is defined as the time taken by the output of the MUX50x to rise to 90% final value after the enable
signal has risen to 50% final value. Figure 31 shows the setup used to measure turn-on time. Turn-on time is
denoted by the symbol tON.
Turn off time is defined as the time taken by the output of the MUX50x to fall to 10% initial value after the enable
signal has fallen to 50% initial value. Figure 31 shows the setup used to measure turn-off time. Turn-off time is
denoted by the symbol tOFF.
Figure 31. Turn-On and Turn-Off Time Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com