Electronic Components Datasheet Search
  English  ▼

X  

MUX508ID Datasheet(PDF) 7 Page - Texas Instruments

Part # MUX508ID
Description  MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX508ID Datasheet(HTML) 7 Page - Texas Instruments

Back Button MUX508ID Datasheet HTML 3Page - Texas Instruments MUX508ID Datasheet HTML 4Page - Texas Instruments MUX508ID Datasheet HTML 5Page - Texas Instruments MUX508ID Datasheet HTML 6Page - Texas Instruments MUX508ID Datasheet HTML 7Page - Texas Instruments MUX508ID Datasheet HTML 8Page - Texas Instruments MUX508ID Datasheet HTML 9Page - Texas Instruments MUX508ID Datasheet HTML 10Page - Texas Instruments MUX508ID Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
MUX508, MUX509
www.ti.com
SBAS758C – JANUARY 2016 – REVISED SEPTEMBER 2016
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics.
7.4 Thermal Information
THERMAL METRIC(1)
MUX50x
UNIT
PW (TSSOP)
D (SOIC)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
103.8
78.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
36.8
37.2
°C/W
RθJB
Junction-to-board thermal resistance
49.8
35.7
°C/W
ψJT
Junction-to-top characterization parameter
2.7
8.2
°C/W
ψJB
Junction-to-board characterization parameter
49.1
35.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
°C/W
(1)
When VS is positive, VD is negative, and vice versa.
7.5 Electrical Characteristics: Dual Supply
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
Analog signal range
TA = –40°C to +125°C
VSS
VDD
V
RON
On-resistance
VS = 0 V, ICH = 1 mA
125
170
Ω
VS = ±10 V, ICH = 1 mA
145
200
TA = –40°C to +85°C
230
TA = –40°C to +125°C
250
ΔRON
On-resistance mismatch
between channels
VS = ±10 V, ICH = 1 mA
2.4
6
Ω
TA = –40°C to +85°C
9
TA = –40°C to +125°C
11
RFLAT
On-resistance flatness
VS = 10 V, 0 V, –10 V
22
45
Ω
TA = –40°C to +85°C
53
TA = –40°C to +125°C
58
On-resistance drift
VS = 0 V
0.52
%/°C
IS(OFF)
Input leakage current
Switch state is off,
VS = ±10 V, VD = ±10 V
(1)
–1
0.01
1
nA
TA = –40°C to +85°C
–10
10
TA = –40°C to +125°C
–25
25
ID(OFF)
Output off leakage current
Switch state is off,
VS = ±10 V, VD = ±10 V
(1)
–1
0.01
1
nA
TA = -40°C to +85°C
–10
10
TA = -40°C to +125°C
–50
50
ID(ON)
Output on leakage current
Switch state is on,
VD = ±10 V, VS = floating
–1
0.01
1
nA
TA = –40°C to +85°C
–10
10
TA = –40°C to +125°C
–50
50
LOGIC INPUT
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
ID
Input current
0.15
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com