Electronic Components Datasheet Search
  English  ▼

X  

MUX508IDR Datasheet(PDF) 4 Page - Texas Instruments

Part # MUX508IDR
Description  MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX508IDR Datasheet(HTML) 4 Page - Texas Instruments

  MUX508IDR Datasheet HTML 1Page - Texas Instruments MUX508IDR Datasheet HTML 2Page - Texas Instruments MUX508IDR Datasheet HTML 3Page - Texas Instruments MUX508IDR Datasheet HTML 4Page - Texas Instruments MUX508IDR Datasheet HTML 5Page - Texas Instruments MUX508IDR Datasheet HTML 6Page - Texas Instruments MUX508IDR Datasheet HTML 7Page - Texas Instruments MUX508IDR Datasheet HTML 8Page - Texas Instruments MUX508IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
1
A0
16
A1
2
EN
15
A2
3
VSS
14
GND
4
S1
13
VDD
5
S2
12
S5
6
S3
11
S6
7
S4
10
S7
8
D
9
S8
4
MUX508, MUX509
SBAS758C – JANUARY 2016 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison Table
PRODUCT
DESCRIPTION
MUX508
8-channel, single-ended analog multiplexer (8:1 mux)
MUX509
4-channel differential or dual 4:1 single-ended analog multiplexer (8:2 mux)
6 Pin Configuration and Functions
MUX508: PW and D Packages
16-Pin TSSOP and SOIC
Top View
Pin Functions: MUX508
PIN
TYPE
DESCRIPTION
NAME
NO.
A0
1
Digital input
Address line 0
A1
16
Digital input
Address line 1
A2
15
Digital input
Address line 2
D
8
Analog input or output Drain pin. Can be an input or output.
EN
2
Digital input
Active high digital input. When this pin is low, all switches are turned off. When this pin is
high, the A[2:0] logic inputs determine which switch is turned on.
GND
14
Power supply
Ground (0 V) reference
S1
4
Analog input or output Source pin 1. Can be an input or output.
S2
5
Analog input or output Source pin 2. Can be an input or output.
S3
6
Analog input or output Source pin 3. Can be an input or output.
S4
7
Analog input or output Source pin 4. Can be an input or output.
S5
12
Analog input or output Source pin 5. Can be an input or output.
S6
11
Analog input or output Source pin 6. Can be an input or output.
S7
10
Analog input or output Source pin 7. Can be an input or output.
S8
9
Analog input or output Source pin 8. Can be an input or output.
VDD
13
Power supply
Positive power supply. This pin is the most positive power-supply potential. For reliable
operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD
and GND.
VSS
3
Power supply
Negative power supply. This pin is the most negative power-supply potential. In single-
supply applications, this pin can be connected to ground. For reliable operation, connect a
decoupling capacitor ranging from 0.1 µF to 10 µF between VSS and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com