Electronic Components Datasheet Search
  English  ▼

X  

OPA132 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA132
Description  OPAx132 High-Speed FET-Input Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA132 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA132 Datasheet HTML 9Page - Texas Instruments OPA132 Datasheet HTML 10Page - Texas Instruments OPA132 Datasheet HTML 11Page - Texas Instruments OPA132 Datasheet HTML 12Page - Texas Instruments OPA132 Datasheet HTML 13Page - Texas Instruments OPA132 Datasheet HTML 14Page - Texas Instruments OPA132 Datasheet HTML 15Page - Texas Instruments OPA132 Datasheet HTML 16Page - Texas Instruments OPA132 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
7.2 Typical Application
The OPAx132 family offers outstanding dc precision and ac performance. These devices operate up to 36V
supply rails and offer ultra-low input bias current and input bias current noise, as well as 8MHz bandwidth and
high capacitive load drive. These features make the OPAx132 a robust, high-performance operational amplifier
for high-voltage industrial applications with high source impedance.
+
–
OPAx132
Input
Output
2.94k
1nF
39nF
590
499
Figure 7-1. OPA132 2nd Order 30kHz, Low Pass Filter Schematic
7.2.1 Design Requirements
Use the following parameters for this application:
• Gain = 5V/V
• Low-pass cutoff frequency = 30kHz
• –40db/dec filter response
• Maintain less than 3dB gain peaking in the gain versus frequency response
7.2.2 Detailed Design Procedure
WEBENCH® Circuit Designer creates customized power supply and active filter circuits based on your system
requirements. The environment gives you end-to-end selection, design, and simulation capabilities that save you
time during all phases of the analog design process.
Use our tools to help with your designs:
• Filter design tool
• Powerstage designer
• WEBENCH® Power designer
• PCB thermal calculator
7.2.3 Application Curve
Frequency (Hz)
-60
-40
-20
0
20
100
1k
10k
100k
1M
Figure 7-2. OPA132 2nd-Order 30kHz, Low-Pass Filter Response
www.ti.com
OPA132, OPA2132, OPA4132
SBOS054C – JANUARY 1995 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA132 OPA2132 OPA4132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com