Electronic Components Datasheet Search
  English  ▼

X  

OPA145 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA145
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA145 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA145 Datasheet HTML 4Page - Texas Instruments OPA145 Datasheet HTML 5Page - Texas Instruments OPA145 Datasheet HTML 6Page - Texas Instruments OPA145 Datasheet HTML 7Page - Texas Instruments OPA145 Datasheet HTML 8Page - Texas Instruments OPA145 Datasheet HTML 9Page - Texas Instruments OPA145 Datasheet HTML 10Page - Texas Instruments OPA145 Datasheet HTML 11Page - Texas Instruments OPA145 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
6.7 Typical Characteristics
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Table 6-1. Table of Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 6-1
Offset Voltage Drift Distribution From –40°C to +125°C
Figure 6-2
Input Bias Current Production Distribution
Figure 6-3
Input Offset Current Production Distribution
Figure 6-4
Offset Voltage vs Temperature
Figure 6-5
Offset Voltage vs Common-Mode Voltage
Figure 6-6
Offset Voltage vs Power Supply
Figure 6-7
Open-Loop Gain and Phase vs Frequency
Figure 6-8
Closed-Loop Gain vs Frequency
Figure 6-9
Input Bias Current vs Common-Mode Voltage
Figure 6-10
Input Bias Current and Offset vs Temperature
Figure 6-11
Output Voltage Swing vs Output Current (Maximum Supply)
Figure 6-12
CMRR and PSRR vs Frequency
Figure 6-13
CMRR vs Temperature
Figure 6-14
PSRR vs Temperature
Figure 6-15
0.1-Hz to 10-Hz Voltage Noise
Figure 6-16
Input Voltage Noise Spectral Density vs Frequency
Figure 6-17
THD+N Ratio vs Frequency
Figure 6-18
THD+N vs Output Amplitude
Figure 6-19
Quiescent Current vs Supply Voltage
Figure 6-20
Quiescent Current vs Temperature
Figure 6-21
Open-Loop Gain vs Temperature (10-kΩ)
Figure 6-22
Open-Loop Gain vs Temperature (2-kΩ)
Figure 6-23
DC Open-Loop Gain vs Output Voltage Swing Relative to Supply
Figure 6-24, Figure 6-25
Open-Loop Output Impedance vs Frequency
Figure 6-26
Small-Signal Overshoot vs Capacitive Load (10-mV Step)
Figure 6-27
No Phase Reversal
Figure 6-28
Positive Overload Recovery
Figure 6-29
Negative Overload Recovery
Figure 6-30
Small-Signal Step Response (10-mV Step)
Figure 6-31, Figure 6-32
Large-Signal Step Response (10-V Step)
Figure 6-33, Figure 6-34
Settling Time
Figure 6-35
Short-Circuit Current vs Temperature
Figure 6-36
Maximum Output Voltage vs Frequency
Figure 6-37
EMIRR vs Frequency
Figure 6-38
OPA145, OPA2145
SBOS427F – JUNE 2017 – REVISED MARCH 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA145 OPA2145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com