Electronic Components Datasheet Search
  English  ▼

X  

MUX36S16IPW Datasheet(PDF) 8 Page - Texas Instruments

Part # MUX36S16IPW
Description  MUX36xxx 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX36S16IPW Datasheet(HTML) 8 Page - Texas Instruments

Back Button MUX36S16IPW Datasheet HTML 4Page - Texas Instruments MUX36S16IPW Datasheet HTML 5Page - Texas Instruments MUX36S16IPW Datasheet HTML 6Page - Texas Instruments MUX36S16IPW Datasheet HTML 7Page - Texas Instruments MUX36S16IPW Datasheet HTML 8Page - Texas Instruments MUX36S16IPW Datasheet HTML 9Page - Texas Instruments MUX36S16IPW Datasheet HTML 10Page - Texas Instruments MUX36S16IPW Datasheet HTML 11Page - Texas Instruments MUX36S16IPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
MUX36S16, MUX36D08
SLASED9C – NOVEMBER 2016 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: MUX36S16 MUX36D08
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
MUX36S16/ MUX36D08
UNIT
PW
(TSSOP)
DW
(SOIC)
RTV
(WQFN)
RSN
(WQFN)
28 PINS
28 PINS
32 PINS
32 PINS
RθJA
Junction-to-ambient thermal resistance
79.8
53.6
33.0
33.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
24.0
30.1
20.8
26.5
°C/W
RθJB
Junction-to-board thermal resistance
37.6
28.5
13.9
13.4
°C/W
ψJT
Junction-to-top characterization parameter
1.2
9.0
0.3
0.3
°C/W
ψJB
Junction-to-board characterization parameter
37.1
28.4
13.8
13.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
4.1
4.1
°C/W
(1)
When VS is positive, VD is negative, and vice versa.
6.5 Electrical Characteristics: Dual Supply
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
Analog signal range
TA = –40°C to +125°C
VSS
VDD
V
RON
On-resistance
VS = 0 V, IS = –1 mA
125
170
Ω
VS = ±10 V, IS = –1 mA
145
200
TA = –40°C to +85°C
230
TA = –40°C to +125°C
250
ΔRON
On-resistance
mismatch between
channels
VS = ±10 V, IS = –1 mA
6
9
Ω
TA = –40°C to +85°C
14
TA = –40°C to +125°C
16
RFLAT
On-resistance
flatness
VS = 10 V, 0 V, –10 V
20
45
Ω
TA = –40°C to +85°C
53
TA = –40°C to +125°C
58
On-resistance drift
VS = 0 V
0.62
Ω/°C
IS(OFF)
Input leakage current
Switch state is off,
VS = ±10 V, VD = ±10
V(1)
–0.04
0.001
0.04
nA
TA = –40°C to +85°C
–0.15
0.15
TA = –40°C to +125°C
–1.2
1.2
ID(OFF)
Output off-leakage
current
Switch state is off,
VS = ±10 V, VD = ±10
V(1)
–0.15
0.01
0.15
nA
TA = -40°C to +85°C
–1
1
TA = -40°C to +125°C
–4.5
4.5
ID(ON)
Output on-leakage
current
Switch state is on,
VD = ±10 V, VS = floating
–0.2
0.01
0.2
nA
TA = –40°C to +85°C
–1
1
TA = –40°C to +125°C
–5.3
5.3
IDL(ON)
Differential on-
leakage current
Switch state is on,
VDA = VDB = ±10 V, VS =
floating
–15
3
15
pA
TA = –40°C to +85°C
–100
100
TA = –40°C to +125°C
–500
500
LOGIC INPUT
VIH
Logic voltage high
2
V
VIL
Logic voltage low
0.8
V
ID
Input current
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com