Electronic Components Datasheet Search
  English  ▼

X  

OPA140AIDBVT Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA140AIDBVT
Description  OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA140AIDBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA140AIDBVT Datasheet HTML 18Page - Texas Instruments OPA140AIDBVT Datasheet HTML 19Page - Texas Instruments OPA140AIDBVT Datasheet HTML 20Page - Texas Instruments OPA140AIDBVT Datasheet HTML 21Page - Texas Instruments OPA140AIDBVT Datasheet HTML 22Page - Texas Instruments OPA140AIDBVT Datasheet HTML 23Page - Texas Instruments OPA140AIDBVT Datasheet HTML 24Page - Texas Instruments OPA140AIDBVT Datasheet HTML 25Page - Texas Instruments OPA140AIDBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Table 7-1 lists the EMIRR IN+ values for the OPA2140 at particular frequencies commonly encountered in real-
world applications. Applications listed in Table 7-1 can be centered on or operated near the particular frequency
shown. This information can be of special interest to designers working with these types of applications, or
working in other fields likely to encounter RF interference from broad sources, such as the industrial, scientific,
and medical (ISM) radio band.
Table 7-1. OPA2140 EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency (UHF)
applications
53.1 dB
900 MHz
Global system for mobile communications (GSM) applications, radio communication, navigation,
GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF applications
72.2 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band (1 GHz to 2 GHz)
80.7 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific and
medical (ISM) radio band, amateur radio and satellite, S-band (2 GHz to 4 GHz)
86.8 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
91.7 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication, space and satellite
operation, C-band (4 GHz to 8 GHz)
96.6 dB
7.3.10 EMIRR +IN Test Configuration
Figure 7-7 shows the circuit configuration for testing the EMIRR IN+. An RF source is connected to the op
amp noninverting input terminal using a transmission line. The op amp is configured in a unity gain buffer
topology with the output connected to a low-pass filter (LPF) and a digital multimeter (DMM). A large impedance
mismatch at the op amp input causes a voltage reflection; however, this effect is characterized and accounted
for when determining the EMIRR IN+. The resulting DC offset voltage is sampled and measured by the
multimeter. The LPF isolates the multimeter from residual RF signals that can interfere with multimeter accuracy.
+
±
Low-Pass Filter
50
Digital Multimeter
Ambient temperature: 25Û&
Sample /
Averaging
+VS
-VS
Not shown: 0.1 µF and 10 µF
supply decoupling
RF source
DC Bias: 0 V
Modulation: None (CW)
Frequency Sweep: 201 pt. Log
Figure 7-7. EMIRR +IN Test Configuration
7.4 Device Functional Modes
The OPAx140 has a single functional mode and is operational when the power-supply voltage is greater than
4.5 V (±2.25 V). The maximum power supply voltage for the OPAx140 is 36 V (±18 V).
OPA140, OPA2140, OPA4140
SBOS498F – JUNE 2010 – REVISED MARCH 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com