Electronic Components Datasheet Search
  English  ▼

X  

OPA180 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA180
Description  OPAx180 0.1-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA180 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA180 Datasheet HTML 9Page - Texas Instruments OPA180 Datasheet HTML 10Page - Texas Instruments OPA180 Datasheet HTML 11Page - Texas Instruments OPA180 Datasheet HTML 12Page - Texas Instruments OPA180 Datasheet HTML 13Page - Texas Instruments OPA180 Datasheet HTML 14Page - Texas Instruments OPA180 Datasheet HTML 15Page - Texas Instruments OPA180 Datasheet HTML 16Page - Texas Instruments OPA180 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
100
10
1
0.1
10
100
1k
10k
100k
Frequency(Hz)
1
Time (1 s/div)
20
0
2
4
6
8
24
Output Current (mA)
10
12
18
17
16
15
14
-14
-15
-16
-17
-20
16
14
-
°
40 C
85 C
°
125 C
°
22
20
19
18
-19
-18
40
35
30
25
20
15
10
5
0
-55
-35
-15
5
25
125
Temperature ( C)
°
45
105
85
65
(V ) < V
< (V+)
1.5 V
-
CM
-
(V ) + 0.5 V < V
< (V+)
1.5 V
-
-
CM
500
400
300
200
100
0
100
200
300
-
-
-
-20
-10
-5
0
5
20
V
(V)
CM
10
-15
+I
IB
-IIB
I
IO
15
4000
3000
2000
1000
0
1000
2000
-
-
-55
-35
-15
5
25
125
Temperature ( C)
°
45
105
85
65
I
IB+
I
IB-
I
IO
13
OPA180, OPA2180, OPA4180
www.ti.com
SBOS584E – NOVEMBER 2011 – REVISED JUNE 2018
Product Folder Links: OPA180 OPA2180 OPA4180
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
7.9 Typical Characteristics
VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 1. IIB and IIO vs Common-Mode Voltage
Figure 2. Input Bias Current vs Temperature
Figure 3. Output Voltage Swing vs Output Current
(Maximum Supply)
VSUPPLY = ±2 V
Figure 4. CMRR vs Temperature
Peak-to-Peak Noise = 250 nV
Figure 5. 0.1-Hz to 10-Hz Noise
Figure 6. Input Voltage Noise Spectral Density vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com