Electronic Components Datasheet Search
  English  ▼

X  

OPA2172 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2172
Description  OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2172 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2172 Datasheet HTML 1Page - Texas Instruments OPA2172 Datasheet HTML 2Page - Texas Instruments OPA2172 Datasheet HTML 3Page - Texas Instruments OPA2172 Datasheet HTML 4Page - Texas Instruments OPA2172 Datasheet HTML 5Page - Texas Instruments OPA2172 Datasheet HTML 6Page - Texas Instruments OPA2172 Datasheet HTML 7Page - Texas Instruments OPA2172 Datasheet HTML 8Page - Texas Instruments OPA2172 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
VCC
VEE
VCC
VCC
VEE
VEE
VCC
LSK489
R1
3.9 k
Ÿ
R2
3.9 k
Ÿ
V1
15 V
V2
15 V
OPA172
VOUT
R3
1.13 k
Ÿ
R4
11.5
Ÿ
MMBT4401
MMBT4401
R5
300
Ÿ
Q3
Q4
+ +
Q1
Q2
R6
27.4 k
Ÿ
-140
-120
-100
-80
0.00001
0.0001
0.001
0.01
10
100
1k
10k
Frequency (Hz)
G = +1 V/V, RL = 10 k
G = +1 V/V, RL = 2 k
G = +1 V/V, RL = 600
G = -1 V/V, RL = 10 k
G = -1 V/V, RL = 2 k
G = -1 V/V, RL = 600
C007
V
OUT = 3.5 VRMS
BW = 80 kHz
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA172, OPA2172, OPA4172
SBOS618I – DECEMBER 2013 – REVISED MAY 2018
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
1
1 Features
1
•
Wide Supply Range:
+4.5 V to +36 V, ±2.25 V to ±18 V
•
Low Offset Voltage: ±0.2 mV
•
Low Offset Drift: ±0.3 µV/°C
•
Gain Bandwidth: 10 MHz
•
Low Input Bias Current: ±8 pA
•
Low Quiescent Current: 1.6 mA per Amplifier
•
Low Noise: 7 nV/
√Hz
•
EMI and RFI Filtered Inputs
•
Input Range Includes the Negative Supply
•
Input Range Operates to Positive Supply
•
Rail-to-Rail Output
•
High Common-Mode Rejection: 120 dB
•
Industry-Standard Packages:
–
SOIC-8, VSSOP-8, SOIC-14, TSSOP-14
•
microPackages: Single in SC70, SOT-23,
Dual in WSON-8
2 Applications
•
Tracking Amplifier in Power Modules
•
Merchant Power Supplies
•
Transducer Amplifiers
•
Bridge Amplifiers
•
Temperature Measurements
•
Strain Gauge Amplifiers
•
Precision Integrators
•
Test Equipment
3 Description
The OPA172, OPA2172 and OPA4172 (OPAx172)
are
a
family
of
36-V,
single-supply,
low-noise
operational
amplifiers
capable
of
operating
on
supplies ranging from +4.5 V (±2.25 V) to +36 V
(±18 V). This latest addition of high-voltage CMOS
operational
amplifiers,
in
conjunction
with
the
OPAx171
and
OPAx170,
provide
a
family
of
bandwidth, noise, and power options to meet the
needs of a wide variety of applications. The OPAx172
are available in micropackages, and offer low offset,
drift, and quiescent current. These devices also offer
wide bandwidth, fast slew rate, and high output
current drive capability. The single, dual, and quad
versions all have identical specifications for maximum
design flexibility.
Unlike most op amps, which are specified at only one
supply voltage, the OPAx172 family is specified from
+4.5 V to +36 V. Input signals beyond the supply rails
do not cause phase reversal. The input can operate
100 mV below the negative rail and within 2 V of the
top rail during normal operation. Note that these
devices can operate with full rail-to-rail input 100 mV
beyond the top rail, but with reduced performance
within 2 V of the top rail.
The OPAx172 series of op amps are specified from
–40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA172
SC70 (5)
2.00 mm × 1.25 mm
SOT-23 (5)
2.90 mm × 1.60 mm
SOIC (8)
4.90 mm × 3.91 mm
OPA2172
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)(2)
3.00 mm × 3.00 mm
WSON (8)
3.00 mm × 3.00 mm
OPA4172
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
4.40 mm × 5.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
(2) The VSSOP package is the same as the MSOP package.
JFET-Input Low-Noise Amplifier
Superior THD Performance


Similar Part No. - OPA2172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2172 TI-OPA2172 Datasheet
3Mb / 42P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA2172-Q1 TI1-OPA2172-Q1 Datasheet
2Mb / 36P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
OPA2172ID TI1-OPA2172ID Datasheet
3Mb / 50P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA2172IDGK TI1-OPA2172IDGK Datasheet
3Mb / 50P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA2172IDGKR TI1-OPA2172IDGKR Datasheet
3Mb / 50P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - OPA2172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA2172 TI-OPA2172 Datasheet
3Mb / 42P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA4172 TI-OPA4172 Datasheet
3Mb / 42P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI-OPA1688 Datasheet
2Mb / 38P
OPA168x SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI-OPA172_15 Datasheet
3Mb / 50P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI-OPA1688_15 Datasheet
2Mb / 40P
SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI1-OPA1688 Datasheet
2Mb / 41P
SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172-Q1 TI1-OPA172-Q1 Datasheet
2Mb / 36P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com