Electronic Components Datasheet Search
  English  ▼

X  

OPA187 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA187
Description  OPAx187 0.001-μV/°C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA187 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA187 Datasheet HTML 13Page - Texas Instruments OPA187 Datasheet HTML 14Page - Texas Instruments OPA187 Datasheet HTML 15Page - Texas Instruments OPA187 Datasheet HTML 16Page - Texas Instruments OPA187 Datasheet HTML 17Page - Texas Instruments OPA187 Datasheet HTML 18Page - Texas Instruments OPA187 Datasheet HTML 19Page - Texas Instruments OPA187 Datasheet HTML 20Page - Texas Instruments OPA187 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
GM1
+IN
-IN
CHOP1
CHOP2
Notch
Filter
GM_FF
GM2
GM3
C2
C1
OUT
V+
V-
Copyright © 2016, Texas Instruments Incorporated
17
OPA187, OPA2187, OPA4187
www.ti.com
SBOS807E – DECEMBER 2016 – REVISED MAY 2020
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2020, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The OPA187, OPA2187, and OPA4187 (OPAx187) operational amplifiers combine precision offset and drift with
excellent overall performance, making these devices an an excellent choice for many precision applications. The
precision offset drift of only 0.001 µV/°C provides stability over the entire temperature range. In addition, these
devices offer excellent overall performance with high CMRR, PSRR, and AOL. As with all amplifiers, applications
with noisy or high-impedance power supplies require decoupling capacitors close to the device pins. In most
cases, 0.1-µF capacitors are adequate.
The OPAx187 is part of a family of zero-drift, low-power, rail-to-rail output operational amplifiers. These devices
operate from 4.5 V to 36 V, are unity-gain stable, and are designed for a wide range of general-purpose
applications. The zero-drift architecture provides ultra-low input offset voltage, and near-zero input offset voltage
drift over temperature and time. This choice of architecture also offers outstanding ac performance, such as ultra-
low broadband noise and zero flicker noise.
7.2 Functional Block Diagram
The functional block diagram shows a representation of the proprietary OPAx187 architecture. Functional blocks
CHOP1 and CHOP2 operate such that the non-idealities of GM1 are cancelled while the input signal is left in-
phase. The integrated notch filter of the OPAx187 family suppresses most of the auto-zero amplifier carrier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com