Electronic Components Datasheet Search
  English  ▼

X  

OPA333 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA333
Description  OPA188 Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA333 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA333 Datasheet HTML 8Page - Texas Instruments OPA333 Datasheet HTML 9Page - Texas Instruments OPA333 Datasheet HTML 10Page - Texas Instruments OPA333 Datasheet HTML 11Page - Texas Instruments OPA333 Datasheet HTML 12Page - Texas Instruments OPA333 Datasheet HTML 13Page - Texas Instruments OPA333 Datasheet HTML 14Page - Texas Instruments OPA333 Datasheet HTML 15Page - Texas Instruments OPA333 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Time(1 s/div)
m
+18V
-18V
C
L
R
L
Device
G=+1
R =10k
C =10pF
W
L
L
Time (20 s/div)
m
+18 V
-18 V
R
2 kW
F =
R
2 kW
I =
C
L
Device
G = 1
-
R = R = 2 k
C = 10 pF
W
L
L
F
Time (5 s/div)
m
V
IN
V
OUT
2 kW
20 kW
V
IN
V
OUT
Device
G = 10
-
+18 V
-18 V
T
OR
Time (5 s/div)
m
V
IN
V
OUT
2 kW
20 kW
V
IN
V
OUT
Device
G = 10
-
+18 V
-18 V
T
OR
40
35
30
25
20
15
10
5
0
0
100
200
300
400
500
600
700
800
900 1000
Capacitive Load (pF)
Device
R =
I
10 kW
R
ISO
C
L
R
F = 10 kW
+18 V
-18 V
G = 1
-
R
= 0 W
ISO
R
= 25 W
ISO
R
= 50 W
ISO
R = R = 10 kW
L
F
Time(100 s/div)
m
+18V
-18V
37V
PP
SineWave
( 18.5V)
±
Device
V
IN
V
OUT
12
OPA188
SBOS642C – MARCH 2013 – REVISED JANUARY 2020
www.ti.com
Product Folder Links: OPA188
Submit Documentation Feedback
Copyright © 2013–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 25. Small-Signal Overshoot vs
Capacitive Load (100-mV Output Step)
Figure 26. No Phase Reversal
Figure 27. Positive Overload Recovery
Figure 28. Negative Overload Recovery
Figure 29. Small-Signal Step Response
(100 mV)
Figure 30. Small-Signal Step Response
(100 mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com