Electronic Components Datasheet Search
  English  ▼

X  

OPA172IDBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA172IDBVT
Description  OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA172IDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA172IDBVT Datasheet HTML 5Page - Texas Instruments OPA172IDBVT Datasheet HTML 6Page - Texas Instruments OPA172IDBVT Datasheet HTML 7Page - Texas Instruments OPA172IDBVT Datasheet HTML 8Page - Texas Instruments OPA172IDBVT Datasheet HTML 9Page - Texas Instruments OPA172IDBVT Datasheet HTML 10Page - Texas Instruments OPA172IDBVT Datasheet HTML 11Page - Texas Instruments OPA172IDBVT Datasheet HTML 12Page - Texas Instruments OPA172IDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
9
OPA172, OPA2172, OPA4172
www.ti.com
SBOS618I – DECEMBER 2013 – REVISED MAY 2018
Product Folder Links: OPA172 OPA2172 OPA4172
Submit Documentation Feedback
Copyright © 2013–2018, Texas Instruments Incorporated
7.7 Electrical Characteristics
At TA = +25°C, VS = ±2.25 V to ±18 V, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
±0.2
±1
mV
TA = –40°C to +125°C
±1.15
dVOS/dT
Drift
TA = –40°C to +125°C
OPA172, OPA4172
±0.3
±1.5
µV/°C
OPA2172
±1.8
PSRR
vs power supply
TA = –40°C to +125°C
±1
±3
µV/V
Channel separation, dc
At dc
5
µV/V
INPUT BIAS CURRENT
IB
Input bias current
±8
±15
pA
TA = –40°C to +125°C
±14
nA
TA = –40°C to +125°C
OPA2172IDGK
±18
OPA41721PW
IOS
Input offset current
±2
±15
pA
TA = –40°C to +125°C
OPA172, OPA4172
±1
nA
OPA2172
±3
NOISE
En
Input voltage noise
f = 0.1 Hz to 10 Hz
2.5
µVPP
en
Input voltage noise density
f = 100 Hz
12
nV/
√Hz
f = 1 kHz
7
in
Input current noise density
f = 1 kHz
1.6
fA/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com