Electronic Components Datasheet Search
  English  ▼

X  

OPA171AIDBVT Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA171AIDBVT
Description  OPAx171 36V, Single-Supply, SOT-553, General-Purpose Operational Amplifiers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA171AIDBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA171AIDBVT Datasheet HTML 18Page - Texas Instruments OPA171AIDBVT Datasheet HTML 19Page - Texas Instruments OPA171AIDBVT Datasheet HTML 20Page - Texas Instruments OPA171AIDBVT Datasheet HTML 21Page - Texas Instruments OPA171AIDBVT Datasheet HTML 22Page - Texas Instruments OPA171AIDBVT Datasheet HTML 23Page - Texas Instruments OPA171AIDBVT Datasheet HTML 24Page - Texas Instruments OPA171AIDBVT Datasheet HTML 25Page - Texas Instruments OPA171AIDBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
Another common question involves what happens to the amplifier if an input signal is applied to the input when
the power supplies (V+ or V–) are at 0 V. This question depends on the supply characteristic when at 0 V,
or at a level below the input signal amplitude. If the supplies appear to be high-impedance, then the input
source supplies the operational amplifier current through the current-steering diodes. This state is not a normal
bias condition. Most likely, the amplifier does not operate normally. If the supplies are low-impedance, then the
current through the steering diodes can be quite high. The current level depends on the ability of the input
source to deliver current and any resistance in the input path.
If there is any uncertainty about the ability of the supply to absorb this current, add external Zener diodes to the
supply pins; see Figure 7-1. Select the Zener voltage so that the diode does not turn on during normal operation.
However, the Zener voltage must be low enough so that the Zener diode conducts if the supply pin begins to rise
above the safe operating, supply-voltage level.
The OPAx171 input pins are protected from excessive differential voltage with back-to-back diodes; see Figure
7-1. In most circuit applications, the input protection circuitry does not affect the application. However, in low
gain or G = 1 circuits, fast-ramping input signals can forward bias these diodes because the output of the
amplifier cannot respond rapidly enough to the input ramp. If the input signal is fast enough to create this
forward-bias condition, limit the input signal current to 10 mA or less. If the input signal current is not inherently
limited, an input series resistor can be used to limit the input signal current. This input series resistor degrades
the low noise performance of the OPAx171. Figure 7-1 shows an example configuration that implements a
current-limiting feedback resistor.
7.2 Typical Application
C
LOAD
+
±
V
IN
V
OUT
+V
S
R
ISO
V
S
Figure 7-2. Unity-Gain Buffer With RISO Stability Compensation
7.2.1 Design Requirements
The design requirements are:
• Supply voltage: 30 V (±15 V)
• Capacitive loads: 100 pF, 1000 pF, 0.01 μF, 0.1 μF, and 1 μF
• Phase margin: 45° and 60°
7.2.2 Detailed Design Procedure
Figure 7-3 shows a unity-gain buffer driving a capacitive load. Equation 1 shows the transfer function for the
circuit in Figure 7-3. Not shown in Figure 7-3 is the open-loop output resistance of the operational amplifier, Ro.
LOAD
ISO
o
ISO
LOAD
1 + C
× R
× s
T(s) =
1 + R + R
× C
× s
(1)
The transfer function in Equation 1 contains a pole and a zero. The frequency of the pole (fp) is determined by
(Ro + RISO) and CLOAD. Components RISO and CLOAD determine the frequency of the zero (fz). Select RISO such
that the rate of closure (ROC) between the open-loop gain (AOL) and 1/β is 20 dB/decade to obtain a stable
system. Figure 7-3 shows the concept. The 1/β curve for a unity-gain buffer is 0 dB.
OPA171, OPA2171, OPA4171
SBOS516H – SEPTEMBER 2010 – REVISED JUNE 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA171 OPA2171 OPA4171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com