Electronic Components Datasheet Search
  English  ▼

X  

OPA2191 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA2191
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2191 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2191 Datasheet HTML 7Page - Texas Instruments OPA2191 Datasheet HTML 8Page - Texas Instruments OPA2191 Datasheet HTML 9Page - Texas Instruments OPA2191 Datasheet HTML 10Page - Texas Instruments OPA2191 Datasheet HTML 11Page - Texas Instruments OPA2191 Datasheet HTML 12Page - Texas Instruments OPA2191 Datasheet HTML 13Page - Texas Instruments OPA2191 Datasheet HTML 14Page - Texas Instruments OPA2191 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
6.9 Typical Characteristics
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RL = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Table 6-1. Table of Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 6-1, Figure 6-2, Figure 6-3, Figure 6-4, Figure 6-5, Figure 6-6
Offset Voltage Drift Distribution
Figure 6-7, Figure 6-8,
Offset Voltage vs Temperature
Figure 6-9, Figure 6-10
Offset Voltage vs Common-Mode Voltage
Figure 6-11, Figure 6-12
Offset Voltage vs Power Supply
Figure 6-13
Open-Loop Gain and Phase vs Frequency
Figure 6-14
Closed-Loop Gain and Phase vs Frequency
Figure 6-15
Input Bias Current vs Common-Mode Voltage
Figure 6-16
Input Bias Current vs Temperature
Figure 6-17
Output Voltage Swing vs Output Current (maximum supply)
Figure 6-18, Figure 6-19
CMRR and PSRR vs Frequency
Figure 6-20
CMRR vs Temperature
Figure 6-21
PSRR vs Temperature
Figure 6-22
0.1-Hz to 10-Hz Noise
Figure 6-23
Input Voltage Noise Spectral Density vs Frequency
Figure 6-24
THD+N Ratio vs Frequency
Figure 6-25
THD+N vs Output Amplitude
Figure 6-26
Quiescent Current vs Supply Voltage
Figure 6-27
Quiescent Current vs Temperature
Figure 6-28
Open Loop Gain vs Temperature
Figure 6-29, Figure 6-30
Open Loop Output Impedance vs Frequency
Figure 6-31
Small Signal Overshoot vs Capacitive Load (100-mV output step)
Figure 6-32, Figure 6-33
No Phase Reversal
Figure 6-34
Overload Recovery
Figure 6-35
Small-Signal Step Response (100 mV)
Figure 6-36, Figure 6-37
Large-Signal Step Response
Figure 6-38, Figure 6-39
Settling Time
Figure 6-40, Figure 6-41, Figure 6-42, Figure 6-43
Short-Circuit Current vs Temperature
Figure 6-44
Maximum Output Voltage vs Frequency
Figure 6-45
Propagation Delay Rising Edge
Figure 6-46
Propagation Delay Falling Edge
Figure 6-47
www.ti.com
OPA191, OPA2191, OPA4191
SBOS701D – DECEMBER 2015 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA191 OPA2191 OPA4191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com