Electronic Components Datasheet Search
  English  ▼

X  

OPA2192 Datasheet(PDF) 34 Page - Texas Instruments

Part # OPA2192
Description  OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp with e-trim™
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2192 Datasheet(HTML) 34 Page - Texas Instruments

Back Button OPA2192 Datasheet HTML 30Page - Texas Instruments OPA2192 Datasheet HTML 31Page - Texas Instruments OPA2192 Datasheet HTML 32Page - Texas Instruments OPA2192 Datasheet HTML 33Page - Texas Instruments OPA2192 Datasheet HTML 34Page - Texas Instruments OPA2192 Datasheet HTML 35Page - Texas Instruments OPA2192 Datasheet HTML 36Page - Texas Instruments OPA2192 Datasheet HTML 37Page - Texas Instruments OPA2192 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
RF
1 k
Ÿ
CL
10 µF
RISO
37.4
Ÿ
VREF
2.5 V
RFx
10 k
Ÿ
CF
39 nF
V+
OPA192
VOUT
VCC
OPA192, OPA2192, OPA4192
SBOS620E – DECEMBER 2013 – REVISED NOVEMBER 2015
www.ti.com
9.2.3 Precision Reference Buffer
The OPAx192 features high output current drive capability and low input offset voltage, making the device an
excellent reference buffer to provide an accurate buffered output with ample drive current for transients. For the
10-µF ceramic capacitor shown in Figure 69, RISO, a 37.4-Ω isolation resistor, provides separation of two
feedback paths for optimal stability. Feedback path number one is through RF and is directly at the output, VOUT.
Feedback path number two is through RFx and CF and is connected at the output of the op amp. The optimized
stability components shown for the 10-µF load give a closed-loop signal bandwidth at VOUT of 4 kHz and still
provides a loop gain phase margin of 89°. Any other load capacitances require recalculation of the stability
components: RF, RFx , CF , and RISO.
Figure 69. Precision Reference Buffer
34
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com