Electronic Components Datasheet Search
  English  ▼

X  

OPA4191 Datasheet(PDF) 33 Page - Texas Instruments

Part # OPA4191
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4191 Datasheet(HTML) 33 Page - Texas Instruments

Back Button OPA4191 Datasheet HTML 29Page - Texas Instruments OPA4191 Datasheet HTML 30Page - Texas Instruments OPA4191 Datasheet HTML 31Page - Texas Instruments OPA4191 Datasheet HTML 32Page - Texas Instruments OPA4191 Datasheet HTML 33Page - Texas Instruments OPA4191 Datasheet HTML 34Page - Texas Instruments OPA4191 Datasheet HTML 35Page - Texas Instruments OPA4191 Datasheet HTML 36Page - Texas Instruments OPA4191 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
9.2.2 16-Bit Precision Multiplexed Data-Acquisition System
Figure 9-4 shows a 16-bit, differential, 4-channel, multiplexed, data-acquisition system. This example is typical
in industrial applications that require low distortion and a high-voltage differential input. The circuit uses the
ADS8864, a 16-bit, 400-kSPS successive-approximation-resistor (SAR), analog-to-digital converter (ADC), along
with a precision, high-voltage, signal-conditioning front-end, and a 4-channel differential multiplexer (mux). This
application example shows the process for optimizing the precision, high-voltage, front-end drive circuit using the
OPA191 and OPA140 to achieve excellent dynamic performance and linearity with the ADS8864. The full design
can be found in TI Precision Design TIPD151, 16-Bit, 400-kSPS, Four-Channel MUX Data Acquisition System
for High-Voltage Inputs.
SAR
ADC
REFP
VINP
VINM
1
4:2
Mux
+
+
+
Antialiasing
Filter
Gain
Network
Gain
Network
High-Voltage Level Translation
VCM
High-Voltage Multiplexed Input
Reference Driver
2
4
Voltage
Reference
RC Filter
Buffer
RC Filter
16 Bits
400 kSPS
Delay
Digital Counter For Multiplexer
CONV
5
3
Very Low Output Impedance
Input-Filter Bandwidth
High-Impedance Inputs
No Differential Input Clamps
Fast Settling-Time Requirements
Attenuate High-Voltage Input Signal
Fast-Settling Time Requirements
Stability of the Input Driver
Attenuate ADC Kickback Noise
VREF Output: Value and Accuracy
Low Temp and Long-Term Drift
Fast logic transition
±20-V,
10-kHz
Sine Wave
±20-V,
10-kHz
Sine Wave
+
+
+
+
Shmidtt
Trigger
Counter
REF3240
Voltage
Divider
OPA350
VCM Generation Circuit
n
n
CH0+
CH0-
CH3+
CH3-
OPA191
OPA191
OPA191
OPA191
OPA140
OPA191
OPA191
Gain
Network
Figure 9-4. OPA191 in 16-Bit, 400-kSPS, 4-Channel, Multiplexed Data Acquisition System for High-Voltage
Inputs With Lowest Distortion
9.2.2.1 Design Requirements
The primary objective is to design a ±20-V, differential, 4-channel, multiplexed, data acquisition system with
lowest distortion using the 16-bit ADS8864 at a throughput of 400 kSPS for a 10-kHz, full-scale, pure sine-wave
input. The design requirements for this block design are:
• System supply voltage: ±15 V
• ADC supply voltage: 3.3 V
• ADC sampling rate: 400 kSPS
• ADC reference voltage (REFP): 4.096 V
• System input signal: A high-voltage differential input signal with a peak amplitude of 10 V and frequency (fIN)
of 10 kHz are applied to each differential input of the mux.
www.ti.com
OPA191, OPA2191, OPA4191
SBOS701D – DECEMBER 2015 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: OPA191 OPA2191 OPA4191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com