Electronic Components Datasheet Search
  English  ▼

X  

OPA191ID Datasheet(PDF) 37 Page - Texas Instruments

Part # OPA191ID
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA191ID Datasheet(HTML) 37 Page - Texas Instruments

Back Button OPA191ID Datasheet HTML 33Page - Texas Instruments OPA191ID Datasheet HTML 34Page - Texas Instruments OPA191ID Datasheet HTML 35Page - Texas Instruments OPA191ID Datasheet HTML 36Page - Texas Instruments OPA191ID Datasheet HTML 37Page - Texas Instruments OPA191ID Datasheet HTML 38Page - Texas Instruments OPA191ID Datasheet HTML 39Page - Texas Instruments OPA191ID Datasheet HTML 40Page - Texas Instruments OPA191ID Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
12 Device and Documentation Support
12.1 Device Support
12.1.1 Development Support
12.1.1.1 TINA-TI™ SImulation Software (Free Download)
TINA™ is a simple, powerful, and easy-to-use circuit simulation program based on a SPICE engine. TINA-TI
simulation software is a free, fully-functional version of the TINA software, preloaded with a library of macro
models in addition to a range of both passive and active models. TINA-TI simulation software provides all the
conventional dc, transient, and frequency domain analysis of SPICE, as well as additional design capabilities.
Available as a free download from the Analog eLab Design Center, TINA-TI simulation software offers extensive
post-processing capability that allows users to format results in a variety of ways. Virtual instruments offer
the ability to select input waveforms and probe circuit nodes, voltages, and waveforms, creating a dynamic
quick-start tool.
Note
These files require that either the TINA software (from DesignSoft™) or TINA-TI software be installed.
Download the free TINA-TI software from the TINA-TI folder at http://www.ti.com/tool/tina-ti.
12.1.1.2 TI Precision Designs
TI Precision Designs, available online at http://www.ti.com/ww/en/analog/precision-designs/, are analog solutions
created by TI’s precision analog applications experts and offer the theory of operation, component selection,
simulation, complete PCB schematic and layout, bill of materials, and measured performance of many useful
circuits.
12.2 Documentation Support
12.2.1 Related Documentation
• Texas Instruments, Circuit Board Layout Techniques
• Texas Instruments, Op Amps for Everyone design reference
12.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Subscribe to updates to register and receive a weekly digest of any product information that has changed. For
change details, review the revision history included in any revised document.
12.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
www.ti.com
OPA191, OPA2191, OPA4191
SBOS701D – DECEMBER 2015 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: OPA191 OPA2191 OPA4191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com