Electronic Components Datasheet Search
  English  ▼

X  

OPA140 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA140
Description  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA140 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA140 Datasheet HTML 6Page - Texas Instruments OPA140 Datasheet HTML 7Page - Texas Instruments OPA140 Datasheet HTML 8Page - Texas Instruments OPA140 Datasheet HTML 9Page - Texas Instruments OPA140 Datasheet HTML 10Page - Texas Instruments OPA140 Datasheet HTML 11Page - Texas Instruments OPA140 Datasheet HTML 12Page - Texas Instruments OPA140 Datasheet HTML 13Page - Texas Instruments OPA140 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
7.7 Electrical Characteristics (continued)
at TA = 25°C, VS = ±18V, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE
VCM
Common-mode voltage
range
(V–) – 0.1
(V+) – 2.5
V
CMRR
Common-mode rejection
ratio
(V–) – 0.1 V ≤ VCM ≤ (V+) – 2.5 V
VS = ±2.25 V
120
140
dB
VS = ±18 V
146
168
(V–) – 0.1 V ≤ VCM ≤ (V+) – 2.5 V,
TA = –40°C to 125°C
VS = ±18 V
120
VS = ±2.25 V
110
INPUT IMPEDANCE
zid
Differential input impedance
0.1 || 5.5
GΩ || pF
zic
Common-mode input
impedance
60 || 1.7
TΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = ±18 V
(V–) + 0.3 V < VO < (V+)
– 0.3 V,
RLOAD = 10 kΩ
150
170
dB
(V–) + 0.3 V < VO < (V+)
– 0.3 V,
RLOAD = 10 kΩ,
TA = –40°C to 125°C
140
(V–) + 0.6 V < VO < (V+)
– 0.6 V,
RLOAD = 2 kΩ
150
170
(V–) + 0.6 V < VO < (V+)
– 0.6 V,
RLOAD = 2 kΩ,
TA = –40°C to 125°C
140
FREQUENCY RESPONSE
UGB
Unity-gain Bandwith
AV = 1
8
MHz
GBW
Gain-bandwith Product
AV = 1000
14
SR
Slew rate
G = 1, 10-V step
20
V/µs
THD+N
Total harmonic distortion +
noise
G = 1, f = 1 kHz, VO = 3.5 VRMS
0.00006%
Crosstalk
OPA2189ID, at dc
150
dB
OPA2189ID, f = 100 kHz
120
tS
Settling time
To 0.1%
VS = ±18 V, G = 1, 10-V
step
0.8
µs
To 0.01%
VS = ±18 V, G = 1, 10-V
step
1.1
tOR
Overload recovery time
VIN × G = VS
320
ns
OPA189, OPA2189, OPA4189
SBOS830I – SEPTEMBER 2017 – REVISED OCTOBER 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com