Electronic Components Datasheet Search
  English  ▼

X  

OPA192IDBVT.B Datasheet(PDF) 27 Page - Texas Instruments

Part # OPA192IDBVT.B
Description  OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp with e-trim™
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA192IDBVT.B Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA192IDBVT.B Datasheet HTML 23Page - Texas Instruments OPA192IDBVT.B Datasheet HTML 24Page - Texas Instruments OPA192IDBVT.B Datasheet HTML 25Page - Texas Instruments OPA192IDBVT.B Datasheet HTML 26Page - Texas Instruments OPA192IDBVT.B Datasheet HTML 27Page - Texas Instruments OPA192IDBVT.B Datasheet HTML 28Page - Texas Instruments OPA192IDBVT.B Datasheet HTML 29Page - Texas Instruments OPA192IDBVT.B Datasheet HTML 30Page - Texas Instruments OPA192IDBVT.B Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
Cload
+
±
Vin
Vout
+Vs
Riso
-Vs
0
5
10
15
20
25
30
35
40
45
50
10p
100p
1n
Capacitive Load (F)
0
25
50
±
+
RI = 1 kO
VIN
+ 18 V
± 18 V
CL
OPA192
+
±
RF = 1 kO
RISO
G = -1
C013
R
ISO = 0
R
ISO = 25
R
ISO = 50
RI
NŸ
RF
NŸ
0
5
10
15
20
25
30
35
40
45
50
10p
100p
1n
Capacitive Load (F)
0
25
50
C013
R
ISO = 0
R
ISO = 25
R
ISO = 50
CL
RL
±
+
VIN
+ 18 V
± 18 V
OPA192
+
±
RISO
G = +1
OPA192, OPA2192, OPA4192
www.ti.com
SBOS620E – DECEMBER 2013 – REVISED NOVEMBER 2015
Figure 60. Small-Signal Overshoot vs Capacitive Load
Figure 61. Small-Signal Overshoot vs Capacitive Load
(100-mV Output Step)
(100-mV Output Step)
For additional drive capability in unity-gain configurations, improve capacitive load drive by inserting a small
(10
Ω to 20 Ω) resistor, RISO, in series with the output, as shown in Figure 62. This resistor significantly reduces
ringing and maintains dc performance for purely capacitive loads. However, if a resistive load is in parallel with
the capacitive load, then a voltage divider is created, thus introducing a gain error at the output and slightly
reducing the output swing. The error introduced is proportional to the ratio RISO / RL, and is generally negligible at
low output levels. A high capacitive load drive makes the OPA192 well suited for applications such as reference
buffers, MOSFET gate drives, and cable-shield drives. The circuit shown in Figure 62 uses an isolation resistor,
RISO, to stabilize the output of an op amp. RISO modifies the open-loop gain of the system for increased phase
margin, and results using the OPA192 are summarized in Table 3. For additional information on techniques to
optimize and design using this circuit, TI Precision Design TIDU032 details complete design goals, simulation,
and test results.
Figure 62. Extending Capacitive Load Drive with the OPA192
Table 3. OPA192 Capacitive Load Drive Solution Using Isolation Resistor Comparison of Calculated and
Measured Results
PARAMETER
VALUE
Capacitive Load
100 pF
1000 pF
0.01 µF
0.1 µF
1 µF
Phase Margin
45°
60°
45°
60°
45°
60°
45°
60°
45°
60°
RISO (Ω)
47.0
360.0
24.0
100.0
20.0
51.0
6.2
15.8
2.0
4.7
Measured
23.2 8.6
10.4
22.5
9.0
22.1
8.7
23.1
8.6
21.0
8.6
Overshoot (%)
Calculated PM
45.1°
58.1°
45.8°
59.7°
46.1°
60.1°
45.2°
60.2°
47.2°
60.2°
For step-by-step design procedure, circuit schematics, bill of materials, printed circuit board (PCB) files,
simulation results, and test results, refer to TI Precision Design TIDU032, Capacitive Load Drive Solution using
an Isolation Resistor .
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com