Electronic Components Datasheet Search
  English  ▼

X  

OPA210IDBVR Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA210IDBVR
Description  OPAx210 2.2-nV/√Hz Precision, Low-Power, 36-V Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA210IDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA210IDBVR Datasheet HTML 4Page - Texas Instruments OPA210IDBVR Datasheet HTML 5Page - Texas Instruments OPA210IDBVR Datasheet HTML 6Page - Texas Instruments OPA210IDBVR Datasheet HTML 7Page - Texas Instruments OPA210IDBVR Datasheet HTML 8Page - Texas Instruments OPA210IDBVR Datasheet HTML 9Page - Texas Instruments OPA210IDBVR Datasheet HTML 10Page - Texas Instruments OPA210IDBVR Datasheet HTML 11Page - Texas Instruments OPA210IDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
6.7 Typical Characteristics
at TA = 25°C, VS = ±15 V, RL = 10 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
Input-Referred Offset Voltage (PV)
-35 -30 -25 -20 -15 -10 -5
0
5
10 15 20 25 30 35
0
5%
10%
15%
0
Figure 6-1. Offset Voltage Production Distribution
Offset Voltage Drift (PV/qC)
-0.6 -0.5 -0.4 -0.3 -0.2 -0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0
2.5%
5%
7.5%
10%
12.5%
15%
17.5%
20%
Figure 6-2. Offset Voltage Drift Distribution
Frequency (Hz)
1
10
100
100m
1
10
100
1k
10k
100k
Figure 6-3. Input Voltage Noise Spectral Density vs Frequency
Frequency (Hz)
0.1
1
10
100m
1
10
100
1k
10k
100k
Figure 6-4. Input Current Noise Spectral Density vs Frequency
Time (1 s/div)
Figure 6-5. 0.1-Hz to 10-Hz Voltage Noise
Frequency (Hz)
1E-5
0.0001
0.001
0.01
100
1k
10k
-140
-120
-100
-80
G 1
G 1
VOUT = 3.5 VRMS
RL = 600 Ω
Figure 6-6. THD+N Ratio vs Frequency
OPA210, OPA2210
SBOS924H – SEPTEMBER 2018 – REVISED AUGUST 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA210 OPA2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com