Electronic Components Datasheet Search
  English  ▼

X  

OPA277 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA277
Description  OPAx277 High-Precision Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA277 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA277 Datasheet HTML 13Page - Texas Instruments OPA277 Datasheet HTML 14Page - Texas Instruments OPA277 Datasheet HTML 15Page - Texas Instruments OPA277 Datasheet HTML 16Page - Texas Instruments OPA277 Datasheet HTML 17Page - Texas Instruments OPA277 Datasheet HTML 18Page - Texas Instruments OPA277 Datasheet HTML 19Page - Texas Instruments OPA277 Datasheet HTML 20Page - Texas Instruments OPA277 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
Table 7-1 shows the EMIRR IN+ values for the OPA277 at particular frequencies commonly encountered in
real-world applications. Applications listed in Table 7-1 can be centered on or operated near the particular
frequency shown. This information is of special interest to designers working with these types of applications, or
working in other fields likely to encounter RF interference from broad sources, such as the industrial, scientific,
and medical (ISM) radio band.
Table 7-1. OPA277 EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION/ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite-space operation, weather, radar, UHF
59.1 dB
900 MHz
GSM, radio com-nav-GPS (to 1.6 GHz), ISM, aeronautical mobile, UHF
77.9 dB
1.8 GHz
GSM, mobile personal comm. broadband, satellite, L-band
91.3 dB
2.4 GHz
802.11b/g/n, Bluetooth®, mobile personal comm, ISM, amateur radio-satellite, S-band
93.3 dB
3.6 GHz
Radiolocation, aero comm-nav, satellite, mobile, S-band
105.9 dB
5.0 GHz
802.11a/n, aero comm-nav, mobile comm, space-satellite operation, C-band
107.5 dB
7.3.5.1 EMIRR IN+ Test Configuration
Figure 7-5 shows the circuit configuration for testing the EMIRR IN+. An RF source is connected to the
operational amplifier noninverting input terminal using a transmission line. The operational amplifier is configured
in a unity-gain buffer topology with the output connected to a low-pass filter (LPF) and a digital multimeter
(DMM). A large impedance mismatch at the operational amplifier input causes a voltage reflection; however, this
effect is characterized and accounted for when determining the EMIRR IN+. The resulting dc offset voltage is
sampled and measured by the multimeter. The LPF isolates the multimeter from residual RF signals that can
interfere with multimeter accuracy. See the EMI Rejection Ratio of Operational Amplifiers application note for
more details.
+
±
Low-Pass Filter
50
Digital Multimeter
Ambient temperature: 25Û&
Sample /
Averaging
+VS
-VS
Not shown: 0.1 µF and 10 µF
supply decoupling
RF source
DC Bias: 0 V
Modulation: None (CW)
Frequency Sweep: 201 pt. Log
Figure 7-5. EMIRR IN+ Test Configuration Schematic
7.4 Device Functional Modes
The OPAx277 has a single functional mode and is operational when the power-supply voltage is greater than 4 V
(±2 V). The maximum power supply voltage for the OPAx277 is 36 V (±18 V).
www.ti.com
OPA277, OPA2277, OPA4277
SBOS079C – MARCH 1999 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA277 OPA2277 OPA4277



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com