Electronic Components Datasheet Search
  English  ▼

X  

OPA4170AIPWR Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA4170AIPWR
Description  OPAx170 36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4170AIPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA4170AIPWR Datasheet HTML 18Page - Texas Instruments OPA4170AIPWR Datasheet HTML 19Page - Texas Instruments OPA4170AIPWR Datasheet HTML 20Page - Texas Instruments OPA4170AIPWR Datasheet HTML 21Page - Texas Instruments OPA4170AIPWR Datasheet HTML 22Page - Texas Instruments OPA4170AIPWR Datasheet HTML 23Page - Texas Instruments OPA4170AIPWR Datasheet HTML 24Page - Texas Instruments OPA4170AIPWR Datasheet HTML 25Page - Texas Instruments OPA4170AIPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
22
OPA170, OPA2170, OPA4170
SBOS557E – AUGUST 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: OPA170 OPA2170 OPA4170
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Common-Mode Voltage Range
The input common-mode voltage range of the OPAx170 series extends 100 mV below the negative rail and
within 2 V of the top rail for normal operation.
This device can operate with full rail-to-rail input 100 mV beyond the top rail, but with reduced performance within
2 V of the top rail. The typical performance in this range is summarized in Table 2.
Table 2. Typical Performance for Common-Mode Voltages Within 2 V of the Positive Supply
PARAMETER
MIN
TYP
MAX
UNIT
Input common-mode voltage
(V+) – 2
(V+) + 0.1
V
Offset voltage
7
mV
vs temperature
12
µV/°C
Common-mode rejection
65
dB
Open-loop gain
60
dB
Gain-bandwidth product
0.3
MHz
Slew rate
0.3
V/µs
8.4.2 Overload Recovery
Overload recovery is defined as the time required for the operational amplifier output to recover from the
saturated state to the linear state. The output devices of the operational amplifier enter the saturation region
when the output voltage exceeds the rated operating voltage, either resulting from the high input voltage or the
high gain. After the device enters the saturation region, the charge carriers in the output devices need time to
return back to the normal state. After the charge carriers return back to the equilibrium state, the device begins to
slew at the normal slew rate. Thus, the propagation delay in case of an overload condition is the sum of the
overload recovery time and the slew time. The overload recovery time for the OPAx170 is approximately 2 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com