Electronic Components Datasheet Search
  English  ▼

X  

OPA4172IPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA4172IPWR
Description  OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4172IPWR Datasheet(HTML) 4 Page - Texas Instruments

  OPA4172IPWR Datasheet HTML 1Page - Texas Instruments OPA4172IPWR Datasheet HTML 2Page - Texas Instruments OPA4172IPWR Datasheet HTML 3Page - Texas Instruments OPA4172IPWR Datasheet HTML 4Page - Texas Instruments OPA4172IPWR Datasheet HTML 5Page - Texas Instruments OPA4172IPWR Datasheet HTML 6Page - Texas Instruments OPA4172IPWR Datasheet HTML 7Page - Texas Instruments OPA4172IPWR Datasheet HTML 8Page - Texas Instruments OPA4172IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
4
OPA172, OPA2172, OPA4172
SBOS618I – DECEMBER 2013 – REVISED MAY 2018
www.ti.com
Product Folder Links: OPA172 OPA2172 OPA4172
Submit Documentation Feedback
Copyright © 2013–2018, Texas Instruments Incorporated
5 Device Comparison
5.1 Device Comparison
DEVICE
PACKAGE
OPA172 (single)
SC70-5, SOT-23-5, SOIC-8
OPA2172 (dual)
SOIC-8, VSSOP-8, WSON-8
OPA4172 (quad)
SOIC-14, TSSOP-14
5.2 Device Family Comparison
DEVICE
QUIESCENT CURRENT
(IQ)
GAIN BANDWIDTH PRODUCT
(GBP)
VOLTAGE NOISE DENSITY
(en)
OPAx172
1600 µA
10 MHz
7 nV/
√Hz
OPAx171
475 µA
3.0 MHz
14 nV/
√Hz
OPAx170
110 µA
1.2 MHz
19 nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com