Electronic Components Datasheet Search
  English  ▼

X  

OPA335 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA335
Description  0.05μV/°C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zerø-Drift Series
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA335 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA335 Datasheet HTML 17Page - Texas Instruments OPA335 Datasheet HTML 18Page - Texas Instruments OPA335 Datasheet HTML 19Page - Texas Instruments OPA335 Datasheet HTML 20Page - Texas Instruments OPA335 Datasheet HTML 21Page - Texas Instruments OPA335 Datasheet HTML 22Page - Texas Instruments OPA335 Datasheet HTML 23Page - Texas Instruments OPA335 Datasheet HTML 24Page - Texas Instruments OPA335 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Jul-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
OPA2335AIDGKR
VSSOP
DGK
8
2500
366.0
364.0
50.0
OPA2335AIDGKT
VSSOP
DGK
8
250
366.0
364.0
50.0
OPA2335AIDGKT
VSSOP
DGK
8
250
366.0
364.0
50.0
OPA2335AIDGKTG4
VSSOP
DGK
8
250
366.0
364.0
50.0
OPA2335AIDR
SOIC
D
8
2500
353.0
353.0
32.0
OPA2335AIDRG4
SOIC
D
8
2500
353.0
353.0
32.0
OPA334AIDBVR
SOT-23
DBV
6
3000
180.0
180.0
18.0
OPA334AIDBVT
SOT-23
DBV
6
250
180.0
180.0
18.0
OPA334AIDBVTG4
SOT-23
DBV
6
250
180.0
180.0
18.0
OPA335AIDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
OPA335AIDBVRG4
SOT-23
DBV
5
3000
180.0
180.0
18.0
OPA335AIDBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
OPA335AIDBVT
SOT-23
DBV
5
250
203.0
203.0
35.0
OPA335AIDR
SOIC
D
8
2500
353.0
353.0
32.0
OPA335AIDRG4
SOIC
D
8
2500
353.0
353.0
32.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com