Electronic Components Datasheet Search
  English  ▼

X  

OPA4192IDRG4 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA4192IDRG4
Description  OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp with e-trim™
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4192IDRG4 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA4192IDRG4 Datasheet HTML 18Page - Texas Instruments OPA4192IDRG4 Datasheet HTML 19Page - Texas Instruments OPA4192IDRG4 Datasheet HTML 20Page - Texas Instruments OPA4192IDRG4 Datasheet HTML 21Page - Texas Instruments OPA4192IDRG4 Datasheet HTML 22Page - Texas Instruments OPA4192IDRG4 Datasheet HTML 23Page - Texas Instruments OPA4192IDRG4 Datasheet HTML 24Page - Texas Instruments OPA4192IDRG4 Datasheet HTML 25Page - Texas Instruments OPA4192IDRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
±75
±50
±25
0
25
50
75
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
6 Typical Units Shown
3 1
-3 1
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
+3 1
-3 1
- 1
+ 1
SOIC
-1.1
-0.9
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
0.9
1.1
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
+3 1
-3 1
- 1
+ 1
SOT and VSSOP
OPA192, OPA2192, OPA4192
SBOS620E – DECEMBER 2013 – REVISED NOVEMBER 2015
www.ti.com
Input Offset Voltage Drift (continued)
Instead of the box method, a convenient way to illustrate input offset drift is to compute the slopes of the input
offset voltage versus temperature curve. This is the same as computing the input offset drift at each point along
the input offset voltage versus temperature curve. The results for the OPAx192 family are shown in Figure 51
and Figure 52.
Figure 51. Input Offset Voltage Drift vs Temperature
Figure 52. Input Offset Voltage Drift vs Temperature
(OPA192ID and OPA2192ID)
(OPA192IDBV, OPA192IDGK, OPA2192IDGK, and
OPA4192IPW)
As shown in Figure 51, the input offset drift is typically less than ±0.3 µV/°C over the range from –40°C to
+125°C. When performing an error analysis over the full specified temperature range, use the typical and
maximum values for input offset voltage drift as described in the Electrical Characteristics tables. If a reduced
temperature range is applicable, use the information shown in Figure 51 or Figure 52 when performing an error
analysis. To determine the change in input offset voltage, use Equation 1:
ΔVOS = ΔT × dVOS/dT
where
•
ΔVOS = Change in input offset voltage
•
ΔT = Change in temperature
•
dVOS/dT = Input offset voltage drift
(1)
For example, determine the amount of OPA192ID input offset voltage change over the temperature range of
25°C to 75°C for 1
σ (68%) of the units. As shown in Figure 51, the input offset drift is typically 0.15 µV/°C. This
input offset drift results in a typical input offset voltage change of (75°C – 25°C) × 0.15 µV/°C = 7.5 µV .
For 3
σ (99.7%) of the units, Figure 51 shows a typical input offset drift of 0.4 µV/°C. This input offset drift results
in a typical input offset voltage change of (75°C – 25°C) × 0.4 µV/°C = 20 µV.
Figure 53 shows six typical units.
Figure 53. Input Offset Voltage Drift vs Temperature for Six Typical Units
22
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com